Electronic Components Datasheet Search
  English  ▼

X  

AT24C02C Datasheet(PDF) 10 Page - Microchip Technology

Part # AT24C02C
Description  I²C-Compatible (Two-Wire) Serial EEPROM 1‑Kbit (128 x 8), 2‑Kbit (256 x 8)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT24C02C Datasheet(HTML) 10 Page - Microchip Technology

Back Button AT24C02C Datasheet HTML 6Page - Microchip Technology AT24C02C Datasheet HTML 7Page - Microchip Technology AT24C02C Datasheet HTML 8Page - Microchip Technology AT24C02C Datasheet HTML 9Page - Microchip Technology AT24C02C Datasheet HTML 10Page - Microchip Technology AT24C02C Datasheet HTML 11Page - Microchip Technology AT24C02C Datasheet HTML 12Page - Microchip Technology AT24C02C Datasheet HTML 13Page - Microchip Technology AT24C02C Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
...........continued
Parameter
Symbol
Minimum
Typical(1)
Maximum
Units
Test Conditions
Input
Leakage
Current
ILI
—
0.10
3.0
μA
VIN = VCC or GND
Output
Leakage
Current
ILO
—
0.05
3.0
μA
VOUT = VCC or GND
Input Low
Level
VIL
-0.6
—
VCC x 0.3
V
Note 2
Input High
Level
VIH
VCC x 0.7
—
VCC + 0.5
V
Note 2
Output Low
Level
VOL1
—
—
0.2
V
VCC = 1.7V, IOL = 0.15 mA
Output Low
Level
VOL2
—
—
0.4
V
VCC = 3.0V, IOL = 2.1 mA
Note: 
1.
Typical values characterized at TA = +25°C unless otherwise noted.
2.
This parameter is characterized but is not 100% tested in production.
4.4
AC Characteristics
Table 4-3. AC Characteristics(1)
Parameter
Symbol
Fast Mode
Fast Mode Plus
Units
VCC = 1.7V to 2.5V
VCC = 2.5V to 5.5V
Min.
Max.
Min.
Max.
Clock Frequency,
SCL
fSCL
—
400
—
1000
kHz
Clock Pulse Width
Low
tLOW
1,200
—
500
—
ns
Clock Pulse Width
High
tHIGH
600
—
400
—
ns
Input Filter Spike
Suppression
tI
—
100
—
50
ns
Clock Low to Data
Out Valid
tAA
100
900
50
450
ns
Bus Free Time
between Stop and
Start
tBUF
1,200
—
500
—
ns
Start Hold Time
tHD.STA
600
—
250
—
ns
Start Set-Up Time
tSU.STA
600
—
250
—
ns
Data In Hold Time
tHD.DAT
0
—
0
—
ns
AT24C01C/AT24C02C
Electrical Characteristics
© 2018 Microchip Technology Inc.
Datasheet
DS20006111A-page 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com