Electronic Components Datasheet Search
  English  ▼

X  

AT24C02C Datasheet(PDF) 11 Page - Microchip Technology

Part # AT24C02C
Description  I²C-Compatible (Two-Wire) Serial EEPROM 1‑Kbit (128 x 8), 2‑Kbit (256 x 8)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT24C02C Datasheet(HTML) 11 Page - Microchip Technology

Back Button AT24C02C Datasheet HTML 7Page - Microchip Technology AT24C02C Datasheet HTML 8Page - Microchip Technology AT24C02C Datasheet HTML 9Page - Microchip Technology AT24C02C Datasheet HTML 10Page - Microchip Technology AT24C02C Datasheet HTML 11Page - Microchip Technology AT24C02C Datasheet HTML 12Page - Microchip Technology AT24C02C Datasheet HTML 13Page - Microchip Technology AT24C02C Datasheet HTML 14Page - Microchip Technology AT24C02C Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 45 page
background image
...........continued
Parameter
Symbol
Fast Mode
Fast Mode Plus
Units
VCC = 1.7V to 2.5V
VCC = 2.5V to 5.5V
Min.
Max.
Min.
Max.
Data In Set-up
Time
tSU.DAT
100
—
100
—
ns
Inputs Rise Time(2)
tR
—
300
—
300
ns
Inputs Fall Time(2)
tF
—
300
—
100
ns
Stop Set-Up Time
tSU.STO
600
—
250
—
ns
Data Out Hold
Time
tDH
50
—
50
—
ns
Write Cycle Time
tWR
—
5
—
5
ms
Note: 
1.
AC measurement conditions:
–
CL: 100 pF
–
RPUP (SDA bus line pull-up resistor to VCC): 1.3 kΩ (1000 kHz), 4 kΩ (400 kHz),
10 kΩ (100 kHz)
–
Input pulse voltages: 0.3 x VCC to 0.7 x VCC
–
Input rise and fall times: ≤50 ns
–
Input and output timing reference voltages: 0.5 x VCC
2.
These parameters are determined through product characterization and are not 100% tested in
production.
Figure 4-1.  Bus Timing
SCL
SDA In
SDA Out
t
F
t
HIGH
t
LOW
t
R
t
DH
t
AA
t
BUF
t
SU.STO
t
SU.DAT
t
HD.DAT
t
HD.STA
t
SU.STA
4.5
Electrical Specifications
4.5.1
Power-Up Requirements and Reset Behavior
During a power-up sequence, the VCC supplied to the AT24C01C/AT24C02C should monotonically rise
from GND to the minimum VCC level, as specified in Table 4-1, with a slew rate no faster than 0.1 V/µs.
AT24C01C/AT24C02C
Electrical Characteristics
© 2018 Microchip Technology Inc.
Datasheet
DS20006111A-page 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com