Electronic Components Datasheet Search
  English  ▼

X  

AT24C02C Datasheet(PDF) 42 Page - Microchip Technology

Part # AT24C02C
Description  I²C-Compatible (Two-Wire) Serial EEPROM 1‑Kbit (128 x 8), 2‑Kbit (256 x 8)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT24C02C Datasheet(HTML) 42 Page - Microchip Technology

Back Button AT24C02C Datasheet HTML 37Page - Microchip Technology AT24C02C Datasheet HTML 38Page - Microchip Technology AT24C02C Datasheet HTML 39Page - Microchip Technology AT24C02C Datasheet HTML 40Page - Microchip Technology AT24C02C Datasheet HTML 41Page - Microchip Technology AT24C02C Datasheet HTML 42Page - Microchip Technology AT24C02C Datasheet HTML 43Page - Microchip Technology AT24C02C Datasheet HTML 44Page - Microchip Technology AT24C02C Datasheet HTML 45Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 42 / 45 page
background image
Product Identification System
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
Product Family
24C = Standard I2C-compatible
Serial EEPROM
Device Density
Shipping Carrier Option
Device Grade or
Wafer/Die Thickness
Package Option
01 = 1 Kilobit
02 = 2 Kilobit
T = Tape and Reel, Standard Quantity Option
E = Tape and Reel, Extended Quantity Option
B or Blank = Bulk (Tubes)
Operating Voltage
M = 1.7V to 5.5V
H or U = Industrial Temperature Range
(-40°C to +85°C)
11
= 11mil Wafer Thickness
SS
= SOIC
X
= TSSOP
MA = 2.0mm x 3.0mm UDFN
P
= PDIP
ST
= SOT23
C
= VFBGA
WWU= Wafer Unsawn
A T24C01C-SSHM-T
Device Revision
Examples
Device
Package Package
Drawing
Code
Package
Option
Shipping Carrier Option
Device Grade
AT24C01C‑PUM
PDIP
P
P
Bulk (Tubes)
Industrial
Temperature
(-40°C to 85°C)
AT24C01C‑SSHM‑B
SOIC
SN
SS
Bulk (Tubes)
AT24C01C‑SSHM‑T
SOIC
SN
SS
Tape and Reel
AT24C02C‑SSHM‑T
SOIC
SN
SS
Tape and Reel
AT24C01C-XHM-B
TSSOP
ST
X
Bulk (Tubes)
AT24C02C-XHM-T
TSSOP
ST
X
Tape and Reel
AT24C01C-MAHM-T
UDFN
Q4B
MA
Tape and Reel
AT24C01C-MAHM-E
UDFN
Q4B
MA
Extended Qty. Tape and
Reel
AT24C02C-MAHM-E
UDFN
Q4B
MA
Extended Qty. Tape and
Reel
AT24C02C-STUM-T
SOT23
NMB
ST
Tape and Reel
AT24C02C-CUM-T
VFBGA
8U3-1
C
Tape and Reel
AT24C01C/AT24C02C
© 2018 Microchip Technology Inc.
Datasheet
DS20006111A-page 42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com