Electronic Components Datasheet Search
  English  ▼

X  

AT24C02C Datasheet(PDF) 16 Page - Microchip Technology

Part # AT24C02C
Description  I²C-Compatible (Two-Wire) Serial EEPROM 1‑Kbit (128 x 8), 2‑Kbit (256 x 8)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT24C02C Datasheet(HTML) 16 Page - Microchip Technology

Back Button AT24C02C Datasheet HTML 12Page - Microchip Technology AT24C02C Datasheet HTML 13Page - Microchip Technology AT24C02C Datasheet HTML 14Page - Microchip Technology AT24C02C Datasheet HTML 15Page - Microchip Technology AT24C02C Datasheet HTML 16Page - Microchip Technology AT24C02C Datasheet HTML 17Page - Microchip Technology AT24C02C Datasheet HTML 18Page - Microchip Technology AT24C02C Datasheet HTML 19Page - Microchip Technology AT24C02C Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 45 page
background image
6.
Memory Organization
The AT24C01C is internally organized as 16 pages of 8 bytes each. The AT24C02C is internally
organized as 32 pages of 8 bytes each.
6.1
Device Addressing
Accessing the device requires an 8-bit device address byte following a Start condition to enable the
device for a read or write operation. Since multiple slave devices can reside on the serial bus, each slave
device must have its own unique address so the master can access each device independently.
The Most Significant four bits of the device address byte is referred to as the device type identifier. The
device type identifier ‘1010’ (Ah) is required in bits 7 through 4 of the device address byte (see
Table 6‑1).
Following the 4-bit device type identifier are the hardware slave address bits, A2, A1 and A0. These bits
can be used to expand the address space by allowing up to eight Serial EEPROM devices on the same
bus. These hardware slave address bits must correlate with the voltage level on the corresponding
hardwired device address input pins A0, A1 and A2. The A0, A1 and A2 pins use an internal proprietary
circuit that automatically biases the pin to a logic ‘0’ state if the pin is allowed to float. In order to operate
in a wide variety of application environments, the pull‑down mechanism is intentionally designed to be
somewhat strong. Once the pin is biased above the CMOS input buffer’s trip point (~0.5 x VCC), the pull-
down mechanism disengages. Microchip recommends connecting the A0, A1 and A2 pins to a known
state whenever possible.
When using the SOT23 package, the A2, A1 and A0 pins are not accessible and are left floating. The
previously mentioned automatic pull‑down circuit will set this pin to a logic ‘0’ state. As a result, to
properly communicate with the device in the SOT23 package, the A2, A1 and A0 software bits must
always be set to logic ‘0’ for any operation. Refer to Table 6-1 to review these bit positions.
The eighth bit (bit 0) of the device address byte is the Read/Write Select bit. A read operation is initiated if
this bit is high and a write operation is initiated if this bit is low.
Upon the successful comparison of the device address byte, the AT24C01C/AT24C02C will return an
ACK. If a valid comparison is not made, the device will NACK.
Table 6-1. Device Address Byte
Package
Device Type Identifier Hardware Slave Address Bits R/W Select
Bit 7 Bit 6 Bit 5 Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
SOIC, TSSOP, UDFN, PDIP,
VFBGA
1
0
1
0
A2
A1
A0
R/W
SOT23
1
0
1
0
0
0
0
R/W
For all operations except the current address read, a word address byte must be transmitted to the device
immediately following the device address byte. The word address byte contains a 7-bit (in the case of the
AT24C01C) or 8-bit (in the case of the AT24C02C) memory array word address, and is used to specify
which byte location in the EEPROM to start reading or writing. Refer to Table 6-2 to review these bit
positions.
AT24C01C/AT24C02C
Memory Organization
© 2018 Microchip Technology Inc.
Datasheet
DS20006111A-page 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com