Electronic Components Datasheet Search
  English  ▼

X  

NF30-CS Datasheet(PDF) 21 Page - Mitsubishi Electric Semiconductor

Part # NF30-CS
Description  TECHNICAL NOTES
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

NF30-CS Datasheet(HTML) 21 Page - Mitsubishi Electric Semiconductor

Back Button NF30-CS Datasheet HTML 17Page - Mitsubishi Electric Semiconductor NF30-CS Datasheet HTML 18Page - Mitsubishi Electric Semiconductor NF30-CS Datasheet HTML 19Page - Mitsubishi Electric Semiconductor NF30-CS Datasheet HTML 20Page - Mitsubishi Electric Semiconductor NF30-CS Datasheet HTML 21Page - Mitsubishi Electric Semiconductor NF30-CS Datasheet HTML 22Page - Mitsubishi Electric Semiconductor NF30-CS Datasheet HTML 23Page - Mitsubishi Electric Semiconductor NF30-CS Datasheet HTML 24Page - Mitsubishi Electric Semiconductor NF30-CS Datasheet HTML 25Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 105 page
background image
20
Type
Rated current
In (A)
Rated insulation voltage Ui (V) AC
Standard
690V
500V
440V
400V
230V
Frame (A)
AC Breaking
capacity (kA rms)
IEC60947-2
Icu/Ics
Number of poles
Automatic tripping
device
100
15, 20, 30, 40, 50, 60, 75, 100
690
10/5
200/200
200/200
200/200
200/200
234
Thermal, magnetic
Fixed ampere rating and
instantaneous
30 ~ 50, 60 ~ 100
690
–
15/8
25/13
30/15
50/25
34
NF100-UP
NF100-SEP
Electronic trip relay
Adjustable ampere rating
Adjustable long time delay
operating time, short time delay
pick up, and instantaneous
Short time delay pick up current
Variation is within
±15% of
setting current
2 to 10
Ir
30
60-75-90-105-120-150-
180-210-240-300
40
80-100-120-140-160-
200-240-280-320-400
50
100-125-150-175-200-
250-300-350-400-500
60
120-150-180-210-240-
300-360-420-480-600
75
150-187.5-225-262.5-300-
375-450-525-600-750
100
200-250-300-350-400-
500-600-700-800-1000
Instantaneous pick up current
Variation is within
±15% of
setting current
4
In ~ 16 In
30 ~ 50
200 ~ 800
60 ~ 100
400 ~ 1600
Rating (A) and
Inst. (A)
15
225
±
45
20
300
±
60
30
450
±
90
40
600
± 120
50
750
± 150
60
900
± 180
75
1125
± 225
100
1500
± 300
Low-inst
Number of poles
Automatic tripping
device
Rating (A) and
Inst. (A)
–
–
Generator
Automatic tripping
device
Rating (A) and
Inst. (A)
Number of poles
–
–
Mag-Only
Number of poles
Automatic tripping
device
Rating (A) and
Inst. (A)
–
–
–
–
–
–
–
3
–
–
–
–
NF100-HEP
30 ~ 50, 60 ~ 100
690
5/3
30/15
50/25
50/25
100/50
34
Electronic trip relay
Adjustable ampere rating
Adjustable long time delay
operating time, short time delay
pick up, and instantaneous
Short time delay pick up current
Variation is within
±15% of
setting current
2 to 10
Ir
30
60-75-90-105-120-150-
180-210-240-300
40
80-100-120-140-160-
200-240-280-320-400
50
100-125-150-175-200-
250-300-350-400-500
60
120-150-180-210-240-
300-360-420-480-600
75
150-187.5-225-262.5-300-
375-450-525-600-750
100 200-250-300-350-400-
500-600-700-800-1000
Instantaneous pick up current
Variation is within
±15% of
setting current
4
In ~ 16 In
30 ~ 50
200 ~ 800
60 ~ 100
400 ~ 1600
–
–
3
–
–
–
–
Electronic trip relay
Adjustable ampere rating
Adjustable long time delay
operating time, short time delay
pick up, and instantaneous
Electronic trip relay
Adjustable ampere rating
Adjustable long time delay
operating time, short time delay
pick up, and instantaneous
Rating : 30 ~ 50A, 60 ~ 100A
Inst.
: Operating characteristics
must be adjusted as
follows.
STD
≤ 3 (Is setting)
LTD : minimum setting
(TL = 12sec setting)
Rating : 30 ~ 50A, 60 ~ 100A
Inst.
: Operating characteristics
must be adjusted as
follows.
STD
≤ 3 (Is setting)
LTD : minimum setting
(TL = 12sec setting)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com