Electronic Components Datasheet Search
  English  ▼

X  

NF30-CS Datasheet(PDF) 41 Page - Mitsubishi Electric Semiconductor

Part # NF30-CS
Description  TECHNICAL NOTES
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

NF30-CS Datasheet(HTML) 41 Page - Mitsubishi Electric Semiconductor

Back Button NF30-CS Datasheet HTML 37Page - Mitsubishi Electric Semiconductor NF30-CS Datasheet HTML 38Page - Mitsubishi Electric Semiconductor NF30-CS Datasheet HTML 39Page - Mitsubishi Electric Semiconductor NF30-CS Datasheet HTML 40Page - Mitsubishi Electric Semiconductor NF30-CS Datasheet HTML 41Page - Mitsubishi Electric Semiconductor NF30-CS Datasheet HTML 42Page - Mitsubishi Electric Semiconductor NF30-CS Datasheet HTML 43Page - Mitsubishi Electric Semiconductor NF30-CS Datasheet HTML 44Page - Mitsubishi Electric Semiconductor NF30-CS Datasheet HTML 45Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 105 page
background image
40
6.2 Interrupting Capacity Consideration
Table 1 230VAC
30
50·60
100
400
630
800
30 or less
50~75
100
150~300
20 or less
30~50
75
100~150
200~500
–
2.5
5
10
15
25
30
35
50
85
100
125
170 200
NF30-
CS
NF50-CP
NF60-CP
NF50-HP, NF60-HP
NF50-HRP
NF100-CP
NF250-CP
NF400-CP
NF630-CP
NF800-CEP
NF160-SP
NF250-SP
NF250-SEP
NF400-SP, NF400-SEP
NF100-HP
NF100-HEP
NF160-HP
NF250-HP
NF250-HEP
NF100-UP
NF225-UP
30 or less
50~100
150~300
500~1000
1500~2000
2500~5000
400
30
50·60
630
800
2.5
125
85
65
50
35
30
7.5
10
15 18
25
Table 2 440VAC
100
NF250-CP
NF400-CP
NF1000-SS~NF1600-SS, NF2000-S~NF4000-S
NFE2000-S, NFE3000-S, NFE4000-S
NF800-SEP
NF800-REP
NF225-UP
NF630-REP
NF630-CP
NF800-CEP
NF225-RP
200
NF30-
SP
3ph trans.
capacity (kVA)
Interrupting
capacity
(kA)(sym)
1ph trans.
capacity (kVA)
NF100-SP
NF100-SEP
NF1000-SS~NF1600-SS, NF2000-S~NF4000-S
NFE2000-S, NFE3000-S, NFE4000-S
NF800-SEP
NF800-UEP
NF630-UEP
NF400-UEP
2000~3000
500~1500
160
250
Trans. capacity
(kVA)
Interrupting
capacity
(kA)(sym)
NF50-CP
NF60-CP
NF50-HP
NF60-HP
NF50-HRP
NF630-SP,
NF630-SEP
NF100-CP
NF160-HP
NF250-HP
NF250-HEP
NF160-SP
NF250-SP
NF250-SEP
NF100-RP
NF100-HP
NF100-HEP
NF100-SP
NF100-SEP
1000
4000
160
250
1000
4000
NF1250-
UR
NF100-
RP
NF225-
RP
NF1250-
UR
NF630-SP,
NF630-SEP
NF100-UP
C Series
S Series
1.5
NF30-SP
NF30-CS
NF400-SP, NF400-SEP
NF400-REP
NF400
-HEP
NF400
-REP
NF630
-HEP
NF630
-REP
NF800
-HEP
NF800
-REP
NF800
-HEP
NF630
-HEP
NF400
-HEP
NF800-UEP
NF630-UEP
NF400-UEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com