Electronic Components Datasheet Search
  English  ▼

X  

NF30-CS Datasheet(PDF) 8 Page - Mitsubishi Electric Semiconductor

Part # NF30-CS
Description  TECHNICAL NOTES
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

NF30-CS Datasheet(HTML) 8 Page - Mitsubishi Electric Semiconductor

Back Button NF30-CS Datasheet HTML 4Page - Mitsubishi Electric Semiconductor NF30-CS Datasheet HTML 5Page - Mitsubishi Electric Semiconductor NF30-CS Datasheet HTML 6Page - Mitsubishi Electric Semiconductor NF30-CS Datasheet HTML 7Page - Mitsubishi Electric Semiconductor NF30-CS Datasheet HTML 8Page - Mitsubishi Electric Semiconductor NF30-CS Datasheet HTML 9Page - Mitsubishi Electric Semiconductor NF30-CS Datasheet HTML 10Page - Mitsubishi Electric Semiconductor NF30-CS Datasheet HTML 11Page - Mitsubishi Electric Semiconductor NF30-CS Datasheet HTML 12Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 105 page
background image
7
3.2 Switching Mechanism
The ON, OFF and TRIPPED conditions are shown in
Fig. 3.2. In passing from ON to OFF, the handle ten-
sion spring passes through alignment with the toggle
link (“dead point” condition). In so doing, a positive,
rapid contact-opening action is produced; the OFF to
ON contact closing acts in a similar way (“quick make”
and “quick break” actions). In both cases the action of
the contacts is always rapid and positive, and inde-
pendent of the human element – i.e., the force or
speed of the handle.
In auto tripping a rotation of the bracket releases
the cradle and operates the toggle link to produce the
contact-opening action described above. In the tripped
condition the handle assumes the center position be-
tween on and off, providing a visual indication of the
tripped condition. Also, auto trip is “trip free,” so that
the handle cannot be used to hold the breaker in the
ON condition. The protective contact-opening func-
tion cannot be defeated.
In multipole breakers the poles are separated by
integral barriers in the molded case. The moving con-
tacts of the poles are attached to the central toggle
link by a common-trip bar, however, so that tripping,
opening and closing of all poles is always simulta-
neous. This is the “common trip” feature, by which
single phasing and similar unbalance malfunctions are
effectively prevented.
Spring tension line
Toggle link
Cradle
Bracket
Spring
a) On
b) Off
c) Tripped
ON to OFF dead-point line
OFF to ON dead-point line
Handle centered; indicates
tripped condition
Fig. 3.2 Switching Mechanism Action
3.3 Automatic Tripping Device
There are three types of device, the thermal-magnetic
type, the hydraulic-magnetic type and the electronic
trip relay type.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com