Electronic Components Datasheet Search
  English  ▼

X  

NF30-CS Datasheet(PDF) 38 Page - Mitsubishi Electric Semiconductor

Part # NF30-CS
Description  TECHNICAL NOTES
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

NF30-CS Datasheet(HTML) 38 Page - Mitsubishi Electric Semiconductor

Back Button NF30-CS Datasheet HTML 34Page - Mitsubishi Electric Semiconductor NF30-CS Datasheet HTML 35Page - Mitsubishi Electric Semiconductor NF30-CS Datasheet HTML 36Page - Mitsubishi Electric Semiconductor NF30-CS Datasheet HTML 37Page - Mitsubishi Electric Semiconductor NF30-CS Datasheet HTML 38Page - Mitsubishi Electric Semiconductor NF30-CS Datasheet HTML 39Page - Mitsubishi Electric Semiconductor NF30-CS Datasheet HTML 40Page - Mitsubishi Electric Semiconductor NF30-CS Datasheet HTML 41Page - Mitsubishi Electric Semiconductor NF30-CS Datasheet HTML 42Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 105 page
background image
37
Type
Rated current
In (A)
Rated insulation voltage Ui (V) AC
Standard
600V
500V
415V
380V
240V
Frame (A)
AC Interrupting
capacity (kA rms)
IEC157-1
P1/P2
Number of poles
Automatic tripping
device
Rating (A) and
Inst. (A)
3000 (3200)
NF3200-S
2800, 3000, 3200
600
–
65/50
85/50
85/50
125/85
3
Thermal, adjustable-magnetic
Fixed ampere rating and adjustable instantaneous
Low-inst
Number of poles
Automatic tripping
device
Rating (A) and
Inst. (A)
–
–
Generator
Automatic tripping
device
Rating (A) and
Inst. (A)
Number of poles
–
–
Mag-Only
Number of poles
Automatic tripping
device
Rating (A) and
Inst. (A)
3
NFE3000-S
1800-2000-2500-3000
600
–
65/50
85/50
85/50
125/85
3
Adjustable-magnetic
Fixed ampere rating and adjustable instantaneous
Short time delay pick up current
Variation is within
±10% of the
setting current
2-3-4
In
1800
3600-5400-7200
2000
4000-6000-8000
2500 5000-7500-10000
3000 6000-9000-12000
Instantaneous pick up current
30000
± 3000
Solid-state
Adjustable ampere rating,
adjustable short time delay pick up
and fixed instantaneous pick up
–
–
–
–
–
–
–
–
–
Variation is within
±10% of the Hi setting current
Lo
1
2
3
4
5
Hi
2800
5000-6600-8300-10000-11600-13300-15000
3000
5000-6600-8300-10000-11600-13300-15000
3200
5000-6600-8300-10000-11600-13300-15000
Variation is within
±10% of the Hi setting current
Lo
1
2
3
4
5
Hi
3000
5000-6600-8300-10000-11600-13300-15000
3200
5000-6600-8300-10000-11600-13300-15000
 Specifty frequency
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com