Electronic Components Datasheet Search
  English  ▼

X  

NF30-CS Datasheet(PDF) 99 Page - Mitsubishi Electric Semiconductor

Part # NF30-CS
Description  TECHNICAL NOTES
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

NF30-CS Datasheet(HTML) 99 Page - Mitsubishi Electric Semiconductor

Back Button NF30-CS Datasheet HTML 95Page - Mitsubishi Electric Semiconductor NF30-CS Datasheet HTML 96Page - Mitsubishi Electric Semiconductor NF30-CS Datasheet HTML 97Page - Mitsubishi Electric Semiconductor NF30-CS Datasheet HTML 98Page - Mitsubishi Electric Semiconductor NF30-CS Datasheet HTML 99Page - Mitsubishi Electric Semiconductor NF30-CS Datasheet HTML 100Page - Mitsubishi Electric Semiconductor NF30-CS Datasheet HTML 101Page - Mitsubishi Electric Semiconductor NF30-CS Datasheet HTML 102Page - Mitsubishi Electric Semiconductor NF30-CS Datasheet HTML 103Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 105 page
background image
98
9.1 Purpose
Japanese and international standards require, in sum-
mary, that an overcurrent protector must be capable
of interrupting the short-circuit current that may flow
at the location of the protector. Thus it is necessary to
establish practical methods for calculating short-cir-
cuit currents for various circuit configurations in low-
voltage systems.
9.2 Definitions
1. % Impedance
The voltage drop resulting from the reference current,
as a percentage of the reference voltage (used for
short-circuit current calculations by the % impedance
method).
reference voltage
voltage drop at capacity load
% impedance =
x 100 (%)
(Reference voltage: 3-phase – phase voltage)
2. Reference Capacity
The capacity determined from the rated current and
voltage used for computing the % impedance (nor-
mally 1000kVA is used).
3. Per-Unit Impedance
The % impedance expressed as a decimal (used for
short-circuit current calculations by the per-unit
method).
4. Power Supply Short-Circuit Capacity
3-phase supply (MVA) =
kl
3 x rated voltage (kV) x
short circuit current (kA)
5. Power Supply Impedance
Impedance computed from the short-circuit capacity
of the supply (normally indicated by the electric power
company; if not known, it is defined, together with the
X/R ratio, as 1000MVA and X/R=25 for a 3-phase
supply (from NEMA.AB1).
6. Motor contribution Current
While a motor is rotating it acts as generator; in the
event of a short circuit it contributes to increase the
total short-circuit current. (Motor current contribution
must be included when measuring 3-phase circuit
short-circuit current).
7. Motor Impedance
The internal impedance of a contributing motor. (A
contributing motor equal to the capacity of the trans-
former is assumed to be in the same position as the
transformer, and its % impedance and X/R value are
assumed as 25% and 6 (from NEMA.AB1).
8. Power Supply Overall Impedance
The impedance vector sum of the supply (ZL), the
transformer (ZT) and the motor (ZM).
Overall impedance of 3-phase supply
ZL + ZT + ZM
(ZL + ZT) • ZM
(Zs) =
(%
Ω)
9. Short-Circuit Current Measurement Locations
In determining the interruption capacity required of
the MCCB, generally, the short-circuit current is cal-
culated from the impedance on the supply side of the
breaker.
Fig. 9.1 represents a summary of Japanese standards.
9.3 Impedances and Equivalent Circuits of
Circuit Components
In computing low-voltage short-circuit current, all im-
pedances from the generator (motor) to the short-cir-
cuit point must be included; also, the current contrib-
uted by the motor operating as a load. The method is
outlined below.
9.3.1 Impedances
1. Power Supply Impedance (ZL)
The impedance from the power supply to the trans-
former-primary terminals can be calculated from the
short-circuit capacity specified by the power company,
if known.
Otherwise it should be defined, together with X/R, as
1000MVA and X/R=25 for a 3-phase supply. Note that
it can be ignored completely if significantly smaller
than the remaining circuit impedance.
2. Transformer Impedance (ZT)
Together with the line impedance, this is the largest
factor in determining the short-circuit current magni-
tude. Transformer impedance is designated as a per-
centage for the transformer capacity; thus it must be
converted into a reference-capacity value (or if using
Ohm’s law, into an ohmic value).
Tables 9.1 show typical impedance values for trans-
formers, which can be used when the transformer
impedance is not known.
3. Motor Contribution Current and Impedance (ZM)
The additional current contributed by one or more
motors must be included, in considering the total 3-
phase short-circuit current. Motor impedance depends
on the type and capacity, etc.; however, for typical
induction motors, % impedance can be taken as 25%
and X/R as 6. The short-circuit current will thus in-
crease according to the motor capacity, and the im-
pedance up to the short-circuit point. The following
assumptions can normally be made.
a. The total current contribution can be considered
as a single motor, positioned at the transformer
location.
b. The total input (VA) of motor contribution can be
considered as equal to the capacity of the trans-
former (even though in practice it is usually larger).
Also, both the power factor and efficiency can be
assumed to be 0.9; thus the resultant motor contri-
bution output is approximately 80% of the trans-
former capacity.
c. The % impedance of the single motor can be con-
sidered as 25% and the X/R as 6.
9. SHORT-CIRCUIT CURRENT CALCULATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com