Electronic Components Datasheet Search
  English  ▼

X  

DVC1000-P Datasheet(PDF) 2 Page - LEM

Part # DVC1000-P
Description  Voltage transducer DVC 1000-P
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

DVC1000-P Datasheet(HTML) 2 Page - LEM

  DVC1000-P Datasheet HTML 1Page - LEM DVC1000-P Datasheet HTML 2Page - LEM DVC1000-P Datasheet HTML 3Page - LEM DVC1000-P Datasheet HTML 4Page - LEM DVC1000-P Datasheet HTML 5Page - LEM DVC1000-P Datasheet HTML 6Page - LEM DVC1000-P Datasheet HTML 7Page - LEM DVC1000-P Datasheet HTML 8Page - LEM DVC1000-P Datasheet HTML 9Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Page 2/9
28February2018/Version 0 LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice
www.lem.com
DVC 1000-P
Absolute maximum ratings
Parameter
Symbol
Unit
Value
Maximum supply voltage (V
P = 0 V, 0.1 s)
U
C max
V
6
Maximum supply voltage (working) (−40 … 85 °C)
U
C max
V
5.25
Maximum primary voltage (−40 … 85 °C)
V
P max
V
1500
Maximum steady state primary voltage
(−40 … 85 °C)
V
P N max
V
1000
Absolute maximum ratings apply at 25 °C unless otherwise noted.
Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum ratings for extended periods may degrade reliability.
Insulation coordination
Parameter
Symbol
Unit
Value
Comment
RMS voltage for AC insulation test, 50 Hz, 1 min
U
d
kV
4.2
100 % tested in production
Impulse withstand voltage 1.2/50 µs
Û
W
kV
7.84
Partial discharge RMS test voltage (q
m < 10 pC)
U
t
V
1500
Insulation resistance
R
INS
MΩ
200
Clearance (pri. - sec.)
d
CI
mm
See
dimensions
drawing on
page 9
Shortest distance through
air
Creepage distance (pri. - sec.)
d
Cp
mm
Shortest path along device
body
Case material
-
-
V0
According to UL 94
Comparative tracking index
CTI
V
600
Maximum DC common mode voltage
V
HV+ + VHV-
and |V
HV+ − VHV-|
kV
≤ 1.5
≤ V
P M
Environmental and mechanical characteristics
Parameter
Symbol
Unit
Min
Typ
Max
Ambient operating temperature
T
A
°C
−40
85
Ambient storage temperature
T
S
°C
−50
90
Mass
m
g
22



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com