Electronic Components Datasheet Search
  English  ▼

X  

DVC1000-P Datasheet(PDF) 7 Page - LEM

Part # DVC1000-P
Description  Voltage transducer DVC 1000-P
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

DVC1000-P Datasheet(HTML) 7 Page - LEM

  DVC1000-P Datasheet HTML 1Page - LEM DVC1000-P Datasheet HTML 2Page - LEM DVC1000-P Datasheet HTML 3Page - LEM DVC1000-P Datasheet HTML 4Page - LEM DVC1000-P Datasheet HTML 5Page - LEM DVC1000-P Datasheet HTML 6Page - LEM DVC1000-P Datasheet HTML 7Page - LEM DVC1000-P Datasheet HTML 8Page - LEM DVC1000-P Datasheet HTML 9Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Page 7/9
28February2018/Version 0 LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice
www.lem.com
DVC 1000-P
Sensitivity and linearity
To measure sensitivity and linearity, the primary voltage (DC)
is cycled from 0 to V
P M, then to −VP M and back to 0 (equally
spaced V
P M/10 steps).
The sensitivity G is defined as the slope of the linear regression
line for a cycle between V
P M.
The linearity error ε
L is the maximum positive or negative
difference between the measured points and the linear
regression line, expressed in % of the maximum measured
value.
Offset
The offset voltage V
O is the residual output voltage when the
input voltage is zero.
The temperature variation V
O T of the offset voltage VO is the
variation of the offset from 25 °C to the considered temperature.
Overall accuracy
The overall accuracy X
G is the error at V
P N, relative to the rated
value V
P N.
It includes all errors mentioned above.
Response and reaction times
The response time t
r and the reaction time tra are shown in the
next figure.
Both depend on the primary voltage dv/dt. They are measured
at nominal voltage.
Figure 13: response time t
r and reaction time tra
The schematic used to measure all electrical parameters is:
Figure 12: Standard characterization schematic for
voltage output transducers
Transducer simplified model
The static model of the transducer at temperature T
A is:
V
S = G⋅VP + ε
In which
ε
= V
O E + VO T (TA) + εG⋅G⋅VP + εG T (TA)⋅G⋅VP + εL⋅G⋅VP M
V
S
: secondary voltage (V)
G
: sensitivity of the transducer (V/V)
V
P
: primary voltage (V)
V
P M
: primary voltage, measuring range (V)
T
A
: ambient operating temperature (°C)
V
O E
: electrical offset voltage (V)
V
O T (TA)
: temperature variation of V
O at
temperature T
A (V)
ε
G
: sensitivity error at 25 °C
ε
G T (T
A)
: thermal drift of sensitivity at
temperature T
A
ε
L
: linearity error
This is the absolute maximum error. As all errors are
independent, a more realistic way to calculate the error would
be to use the following formula:
Performance parameters definition
2
∑
=1
=
ε
ε
������������
N
������������
V
S
t
r
t
ra
t
90 %
10 %
100 %
V
P
V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com