Electronic Components Datasheet Search
  English  ▼

X  

DVC1000-P Datasheet(PDF) 5 Page - LEM

Part # DVC1000-P
Description  Voltage transducer DVC 1000-P
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

DVC1000-P Datasheet(HTML) 5 Page - LEM

  DVC1000-P Datasheet HTML 1Page - LEM DVC1000-P Datasheet HTML 2Page - LEM DVC1000-P Datasheet HTML 3Page - LEM DVC1000-P Datasheet HTML 4Page - LEM DVC1000-P Datasheet HTML 5Page - LEM DVC1000-P Datasheet HTML 6Page - LEM DVC1000-P Datasheet HTML 7Page - LEM DVC1000-P Datasheet HTML 8Page - LEM DVC1000-P Datasheet HTML 9Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Page 5/9
28February2018/Version 0 LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice
www.lem.com
DVC 1000-P
Typical performance characteristics
Figure 7: Typical frequency and phase response
Figure 8: Typical frequency and phase response (detail)
-18
-15
-12
-9
-6
-3
0
3
0.01
0.1
1
10
100
Frequency (kHz)
-180
-120
-60
0
60
120
180
0.01
0.1
1
10
100
Frequency (kHz)
-3
-2
-1
0
1
2
3
0.01
0.1
1
10
100
Frequency (kHz)
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0.01
0.1
1
10
100
Frequency (kHz)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com