Electronic Components Datasheet Search
  English  ▼

X  

DVC1000-P Datasheet(PDF) 3 Page - LEM

Part # DVC1000-P
Description  Voltage transducer DVC 1000-P
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

DVC1000-P Datasheet(HTML) 3 Page - LEM

  DVC1000-P Datasheet HTML 1Page - LEM DVC1000-P Datasheet HTML 2Page - LEM DVC1000-P Datasheet HTML 3Page - LEM DVC1000-P Datasheet HTML 4Page - LEM DVC1000-P Datasheet HTML 5Page - LEM DVC1000-P Datasheet HTML 6Page - LEM DVC1000-P Datasheet HTML 7Page - LEM DVC1000-P Datasheet HTML 8Page - LEM DVC1000-P Datasheet HTML 9Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Page 3/9
28February2018/Version 0 LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice
www.lem.com
DVC 1000-P
Electrical data
At T
A = 25 °C, +UC = +5 V, RM = 2 kΩ, unless otherwise noted.
Lines with a * in the conditions column apply over the −40 … 85 °C ambient temperature range.
Parameter
Symbol
Unit
Min
Typ
Max
Conditions
Primary nominal RMS voltage
V
P N
V
1000
*
Primary voltage, measuring range
V
P M
V
−1500
1500
*
Measuring resistance
R
M
Ω
2000
*
Secondary nominal RMS voltage
V
S N
V
3.83
*
Secondary voltage
V
S
V
+0.5
+4.5
*
Supply voltage
U
C DC
V
4.75
5
5.25
* 5 V ±5 % DC
Rise time of U
C (10-90 %)
t
rise
ms
100
Current consumption
@ U
C = +5 V at VP = 0 V
I
C
mA
35
See temperature variation
on figure 4
Offset voltage
V
O
V
2.492
2.5
2.508
100 % tested in production
Temperature variation of V
O
V
O T
mV
−25
25
* −40 … 85 °C
Sensitivity
G
mV/V
1.333
2 V for primary 1500 V
Sensitivity error
ε
G
%
−0.8
0.8
ε
G @ V
P N
Thermal drift of sensitivity
ε
G T
%
−0.4
0.4
*
Linearity error
ε
L
% of V
P M
−0.2
0.2
±1500 V range
Overall accuracy
X
G
% of V
P N
−1
−1.5
1
1.5
*
25 °C; 100 % tested in
production;
−40 … 85 °C
Output RMS noise voltage
V
no
µV
600
10 Hz to 100 kHz
Reaction time @ 10 % of V
P N
t
ra
μs
1.7
Response time @ 90 % of V
P N
t
r
μs
10
0 to 1000 V step, 6 kV/µs
Frequency bandwidth
BW
kHz
47
26
−3 dB
−1 dB
Start-up time
t
start
ms
20
*
Resistance of primary
R
P
MΩ
12.6
*
Total primary power loss @ V
P N
P
P
W
0.080
*
Definition of typical, minimum and maximum values
Minimum and maximum values for specified limiting and safety conditions have to be understood as such as well as values shown
in “typical” graphs.
On the other hand, measured values are part of a statistical distribution that can be specified by an interval with upper and lower
limits and a probability for measured values to lie within this interval.
Unless otherwise stated (e.g. “100 % tested”), the LEM definition for such intervals designated with “min” and “max” is that the
probability for values of samples to lie in this interval is 99.73 %.
For a normal (Gaussian) distribution, this corresponds to an interval between −3 sigma and +3 sigma. If “typical” values are not
obviously mean or average values, those values are defined to delimit intervals with a probability of 68.27 %, corresponding to an
interval between −sigma and +sigma for a normal distribution.
Typical, maximal and minimal values are determined during the initial characterization of a product.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com