Electronic Components Datasheet Search
  English  ▼

X  

DVC1000-P Datasheet(PDF) 1 Page - LEM

Part # DVC1000-P
Description  Voltage transducer DVC 1000-P
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

DVC1000-P Datasheet(HTML) 1 Page - LEM

  DVC1000-P Datasheet HTML 1Page - LEM DVC1000-P Datasheet HTML 2Page - LEM DVC1000-P Datasheet HTML 3Page - LEM DVC1000-P Datasheet HTML 4Page - LEM DVC1000-P Datasheet HTML 5Page - LEM DVC1000-P Datasheet HTML 6Page - LEM DVC1000-P Datasheet HTML 7Page - LEM DVC1000-P Datasheet HTML 8Page - LEM DVC1000-P Datasheet HTML 9Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Page 1/9
28February2018/Version 0 LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice
www.lem.com
Voltage transducer DVC 1000-P
V
P N = 1000 V
N° 97.Q9.60.000.0
For the electronic measurement of voltage: DC, AC, pulsed..., with galvanic separation
between the primary and the secondary circuit.
Features
● Bipolar and insulated measurement up to 1500 V
● Voltage output
● PCB mount
● 8 pins
● 5 V unipolar power supply.
Advantages
● Low consumption and low losses
● Compact design
● Very low sensitivity to common mode voltage variations
● Excellent accuracy (offset, sensitivity, linearity)
● Low temperature drift
● High immunity to external interferences.
Applications
● Single or three phase inverters
● AC variable speed drives and servo motor drives
● Static converters for DC motor drives
● Uninterruptible Power Supplies (UPS)
● Power supplies for welding
applications.
● Auxiliary converters
● Substations.
Standards
● EN 50155: 2007
● EN 50121-3-2: 2015
● EN 50124-1: 2001
● IEC 61010-1: 2010
● IEC 61800-1: 1997
● IEC 61800-2: 2015
● IEC 61800-3: 2017
● IEC 61800-5-1: 2007
● IEC 62109-1: 2010.
Application Domain
● Traction (trackside and onboard)
● Industrial.


Similar Part No. - DVC1000-P

ManufacturerPart #DatasheetDescription
logo
LEM
DVC1000 LEM-DVC1000 Datasheet
1Mb / 13P
Voltage Transducer DVC 1000
17January2023/Version 3
More results

Similar Description - DVC1000-P

ManufacturerPart #DatasheetDescription
logo
LEM
LV100-1000 LEM-LV100-1000 Datasheet
66Kb / 2P
Voltage Transducer LV 100-1000
RH100-P LEM-RH100-P Datasheet
42Kb / 2P
Coreless Coil Current Transducer RH 100~1000-P
HAR1000-S LEM-HAR1000-S Datasheet
270Kb / 2P
Current Transducer HAR 1000-S
LV25-1000 LEM-LV25-1000 Datasheet
73Kb / 2P
Voltage Transducer LV 25-1000
LV25-P LEM-LV25-P Datasheet
51Kb / 2P
VOLTAGE TRANSDUCER LV 25-P
LV25P LEM-LV25P Datasheet
69Kb / 2P
VOLTAGE TRANSDUCER
AV100-2000 LEM-AV100-2000 Datasheet
51Kb / 2P
Voltage Transducer
CV3-1000 LEM-CV3-1000 Datasheet
716Kb / 3P
Voltage Transducer
LV100-3000 LEM-LV100-3000_03 Datasheet
66Kb / 2P
Voltage Transducer
LV25-P LEM-LV25-P_12 Datasheet
207Kb / 3P
Voltage Transducer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com