Electronic Components Datasheet Search
  English  ▼

X  

USS820FD Datasheet(PDF) 11 Page - Agere Systems

Part # USS820FD
Description  USB Device Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

USS820FD Datasheet(HTML) 11 Page - Agere Systems

Back Button USS820FD Datasheet HTML 7Page - Agere Systems USS820FD Datasheet HTML 8Page - Agere Systems USS820FD Datasheet HTML 9Page - Agere Systems USS820FD Datasheet HTML 10Page - Agere Systems USS820FD Datasheet HTML 11Page - Agere Systems USS820FD Datasheet HTML 12Page - Agere Systems USS820FD Datasheet HTML 13Page - Agere Systems USS820FD Datasheet HTML 14Page - Agere Systems USS820FD Datasheet HTML 15Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 56 page
background image
Agere Systems Inc.
11
Data Sheet, Rev. 1
August 2004
USB Device Controller
USS-820FD
Register Interface
The USS-820FD is controlled through an asynchronous, read/write register interface. Registers are addressed via
the A[4:0] pins, and control is provided through the RDN, WRN, and IOCSN pins. Reserved bits of registers must
always be written with 0. Writing 1 to these bits may produce undefined results. These bits return undefined values
when read.
A register read is accomplished by placing the register address on the A bus and asserting the IOCSN and RDN
pins. After read data valid (tRDDV), the register data will appear on the D bus. A register write is accomplished by
placing the register address on the A bus and the data to be written on the D bus, and asserting the IOCSN and
WRN pins.
Tables 7 and 8 show alphabetical and numerical listings of all the available special function registers (SFR) for the
USS-820FD. For reference purposes, an alphabetized list of SFR bit names is included in Appendix A. Tables 12—
39 provide details for each of the registers. Some of these registers are replicated for each endpoint. The individ-
ual, endpoint-specific register is selected by the EPINDEX register.
Table 7. Special Function Registers (By Name)
Register
Description
Address
Table
Page
DSAV
Data Set Available
1DH
38
39
DSAV1
Data Set Available 1
1EH
39
39
EPCON*
* Contains shared bits. See Special Firmware Action for Shared Register Bits section.
† Indexed by EPINDEX.
Endpoint Control Register
0BH†
19
20
EPINDEX
Endpoint Index Register
0AH
18
19
FADDR
Function Address Register
10H
22
25
LOCK
Suspend Power-Off Locking Register
19H
34
37
MCSR
Miscellaneous Control/Status Register
1CH
37
38
PEND
Pend Hardware Status Update Register
1AH
35
37
REV
Hardware Revision Register
18H
33
36
RXCNTH
Receive FIFO Byte-Count High Register
07H†
28
30
RXCNTL
Receive FIFO Byte-Count Low Register
06H†
28
30
RXCON
Receive FIFO Control Register
08H†
29
30
RXDAT
Receive FIFO Data Register
05H†
27
29
RXFLG
Receive FIFO Flag Register
09H†
30
32
RXSTAT*
Endpoint Receive Status Register
0DH†
21
23
SBI*
Serial Bus Interrupt Register
14H
14
16
SBI1*
Serial Bus Interrupt Register 1
15H
15
17
SBIE
Serial Bus Interrupt Enable Register
16H
12
15
SBIE1
Serial Bus Interrupt Enable Register 1
17H
13
15
SCR
System Control Register
11H
31
35
SCRATCH
Scratch Firmware Information Register
1BH
36
37
SOFH*
Start of Frame High Register
0FH
16
18
SOFL*
Start of Frame Low Register
0EH
17
19
SSR*
System Status Register
12H
32
36
TXCNTH
Transmit FIFO Byte-Count High Register
02H†
24
25
TXCNTL
Transmit FIFO Byte-Count Low Register
01H†
24
25
TXCON
USB Transmit FIFO Control Register
03H†
25
26
TXDAT
Transmit FIFO Data Register
00H†
23
25
TXFLG
Transmit FIFO Flag Register
04H†
26
27
TXSTAT
Endpoint Transmit Status Register
0CH†
20
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com