Electronic Components Datasheet Search
  English  ▼

X  

USS820FD Datasheet(PDF) 49 Page - Agere Systems

Part # USS820FD
Description  USB Device Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

USS820FD Datasheet(HTML) 49 Page - Agere Systems

Back Button USS820FD Datasheet HTML 45Page - Agere Systems USS820FD Datasheet HTML 46Page - Agere Systems USS820FD Datasheet HTML 47Page - Agere Systems USS820FD Datasheet HTML 48Page - Agere Systems USS820FD Datasheet HTML 49Page - Agere Systems USS820FD Datasheet HTML 50Page - Agere Systems USS820FD Datasheet HTML 51Page - Agere Systems USS820FD Datasheet HTML 52Page - Agere Systems USS820FD Datasheet HTML 53Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 56 page
background image
Agere Systems Inc.
49
Data Sheet, Rev. 1
August 2004
USB Device Controller
USS-820FD
Electrical Characteristics (continued)
Connection Requirements
USB Transceiver Connection
The physical connection of the USS-820FD to the USB
bus requires only minimal components to provide
proper USB electrical terminations.
Both DPLS and DMNS require 24
Ω ± 1% series resis-
tors for USB impedance matching. Additionally, a
1.5 k
Ω pull-up resistor is required on DPLS for full-
speed/low-speed differentiation.
5-8119
Figure 8. USB Transceiver Connection
Example for Bus-Powered
Application
When using the USS-820FD in a self-powered device,
there are some additional considerations. The device
must refrain from supplying power through the pull-up
resistor if plugged into an unpowered bus. It must also
ensure that the DPLS and DMNS lines are in an appro-
priate state when the device is powered but not
plugged in. Figure 9 shows an example connection to
meet these requirements.
5-8120
Figure 9.
USB Transceiver Connection
Example for Self-Powered
Application
+3.3 V
± 0.3 V
DPLS
DMNS
1.5 k
Ω
± 5%
24
Ω ± 1%
24
Ω ± 1%
DPLS
DMNS
24
Ω ± 1%
24
Ω ± 1%
+3.3 V
± 0.3 V
1.5 k
Ω ± 5%
1.5 M
Ω
CLOSE SWITCH ONLY WHEN
VBUS IS POWERED
1.5 M
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com