Electronic Components Datasheet Search
  English  ▼

X  

LM94 Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM94
Description  TruTherTM Hardware Monitor with PI Loop Fan Control for Server Management
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM94 Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button LM94 Datasheet HTML 14Page - National Semiconductor (TI) LM94 Datasheet HTML 15Page - National Semiconductor (TI) LM94 Datasheet HTML 16Page - National Semiconductor (TI) LM94 Datasheet HTML 17Page - National Semiconductor (TI) LM94 Datasheet HTML 18Page - National Semiconductor (TI) LM94 Datasheet HTML 19Page - National Semiconductor (TI) LM94 Datasheet HTML 20Page - National Semiconductor (TI) LM94 Datasheet HTML 21Page - National Semiconductor (TI) LM94 Datasheet HTML 22Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
14.0 Absolute Maximum
Ratings (Notes 1, 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Positive Supply Voltage (V
DD)
6.0V
Voltage on Any Digital Input or
Output Pin
−0.3V to 6.0V
(Except Analog
Inputs)
Voltage on +5V Input
−0.3V to +6.667V
Voltage at Positive Remote
Diode Inputs, AD_IN1, AD_IN2,
AD_IN3, and AD_IN15 Inputs
−0.3V to (V
DD + 0.05V)
Voltage at Other Analog Voltage
Inputs
−0.3V to +6.0V
Input Current at Thermal Diode
Negative Inputs
±1mA
Input Current at any pin (Note 3)
±10mA
Package Input Current (Note 3)
±100 mA
Maximum Junction Temperature
(Note 9)
(T
JMAX)
150 ˚C
ESD Susceptibility (Note 4)
Human Body Model
3 kV
Machine Model
300V
Charged Device Model
750V
Storage Temperature
−65˚C to +150˚C
Soldering process must comply with National’s
reflow temperature profile specifications. Refer to
www.national.com/packaging/. (Note 5)
15.0 Operating Ratings (Notes 1, 2)
T
MIN
≤ T
A
≤ T
MAX
Operating Temperature Range
0˚C
≤ T
A
≤ +85˚C
Nominal Supply Voltage
3.3V
Supply Voltage Range (V
DD)
+3.0V to +3.6V
VID0-VID5
−0.05V to +5.5V
Digital Input Voltage Range
−0.05V to
(V
DD + 0.05V)
Package Thermal Resistance
(Note 6)
79˚C/W
DC Electrical Characteristics
The following limits apply for +3.0 V
DC to +3.6 VDC, unless otherwise noted. Bold face limits apply for TA =TJ over TMIN to
T
MAX of the operating range; all other limits TA =TJ = 25˚C unless otherwise noted. TA is the ambient temperature of the
LM94; T
J is the junction temperature of the LM94; TD is the junction temperature of the thermal diode.
Symbol
Parameter
Conditions
Typical
(Note 9)
Limits
(Note 10)
Units
(Limits)
POWER SUPPLY CHARACTERISTICS
Power Supply Current
Converting, Interface and
Fans Inactive, Peak
Current
2
2.75
mA (max)
Converting, Interface and
Fans Inactive, Average
Current
1.6
mA
Power-On Reset Threshold Voltage
2
1.6
V (min)
2.7
V (max)
TEMPERATURE-TO-DIGITAL CONVERTER CHARACTERISTICS
Local Temperature Accuracy Over Full Range
0˚C
≤ T
A
≤ 85˚C
±2
±3
˚C (max)
T
A = +55˚C
±1
±2.5
˚C (max)
Local Temperature Resolution
1
˚C
Remote Thermal Diode Temperature Accuracy
Over Full Range; targeted for a typical Pentium
processor on 90 nm or 65 nm process(Note 8)
0˚C
≤ T
A
≤ 85˚C
and 0˚C
≤ T
D
≤ 100˚C
±3
˚C (max)
0˚C
≤ T
A
≤ 85˚C
and T
D =70˚C
±2.5
˚C (max)
Remote Thermal Diode Temperature Accuracy;
targeted for a typical Pentium processor on 90nm
or 65nm process (Note 8)
0˚C
≤ T
A
≤ 85˚C
and 25˚C
≤ T
D
≤ 70˚C
±1˚C
Remote Temperature Resolution
1
˚C
Thermal Diode Source Current
High Level
172
230
µA (max)
Low Level
10.75
µA
Thermal Diode Current Ratio
16
T
C
Total Monitoring Cycle Time
100
ms (max)
www.national.com
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com