Electronic Components Datasheet Search
  English  ▼

X  

M166 Datasheet(PDF) 39 Page - Siemens Semiconductor Group

Part # M166
Description  C16x Family of Siemens 16-Bit CMOS Single-Chip Microcontrollers
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

M166 Datasheet(HTML) 39 Page - Siemens Semiconductor Group

Back Button M166 Datasheet HTML 35Page - Siemens Semiconductor Group M166 Datasheet HTML 36Page - Siemens Semiconductor Group M166 Datasheet HTML 37Page - Siemens Semiconductor Group M166 Datasheet HTML 38Page - Siemens Semiconductor Group M166 Datasheet HTML 39Page - Siemens Semiconductor Group M166 Datasheet HTML 40Page - Siemens Semiconductor Group M166 Datasheet HTML 41Page - Siemens Semiconductor Group M166 Datasheet HTML 42Page - Siemens Semiconductor Group M166 Datasheet HTML 43Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 127 page
background image
30Mar98@15:00h
Semiconductor Group
39
Version 1.2, 12.97
C166 Family Instruction Set
Instruction Description
ATOMIC
Begin ATOMIC Sequence
ATOMIC
Syntax
ATOMIC
op1
Operation
(count)
← (op1) [1 ≤ op1 ≤ 4]
Disable interrupts and Class A traps
DO WHILE ((count)
≠ 0 AND Class_B_trap_condition ≠ TRUE)
Next Instruction
(count)
← (count) - 1
END WHILE
(count) = 0
Enable interrupts and traps
Description
Causes standard and PEC interrupts and class A hardware traps to be
disabled for a specified number of instructions. The ATOMIC instruction
becomes immediately active such that no additional NOPs are required.
Depending on the value of op1, the period of validity of the ATOMIC
sequence extends over the sequence of the next 1 to 4 instructions being
executed after the ATOMIC instruction. All instructions requiring multiple
cycles or hold states to be executed are regarded as one instruction in this
sense. Any instruction type can be used with the ATOMIC instruction.
Note
The ATOMIC instruction must be used carefully (see introductory note).
The ATOMIC instruction is not available in the SAB 8XC166(W) devices.
E Not affected.
Z Not affected.
V Not affected.
C Not affected.
N Not affected.
Addressing Modes
Mnemonic
Format
Bytes
ATOMIC
#irang2
D1 :00##-0
2
Condition Flags
E
Z
V
C
N
---
--



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com