Electronic Components Datasheet Search
  English  ▼

X  

M166 Datasheet(PDF) 13 Page - Siemens Semiconductor Group

Part # M166
Description  C16x Family of Siemens 16-Bit CMOS Single-Chip Microcontrollers
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

M166 Datasheet(HTML) 13 Page - Siemens Semiconductor Group

Back Button M166 Datasheet HTML 9Page - Siemens Semiconductor Group M166 Datasheet HTML 10Page - Siemens Semiconductor Group M166 Datasheet HTML 11Page - Siemens Semiconductor Group M166 Datasheet HTML 12Page - Siemens Semiconductor Group M166 Datasheet HTML 13Page - Siemens Semiconductor Group M166 Datasheet HTML 14Page - Siemens Semiconductor Group M166 Datasheet HTML 15Page - Siemens Semiconductor Group M166 Datasheet HTML 16Page - Siemens Semiconductor Group M166 Datasheet HTML 17Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 127 page
background image
30Mar98@15:00h
Semiconductor Group
13
Version 1.2, 12.97
C166 Family Instruction Set
Instruction Set Summary
Arithmetic Operations (cont’d)
SUBCB
reg, mem
Subtract direct byte memory from direct register with Carry
4
SUBCB
mem, reg
Subtract direct byte register from direct memory with Carry
4
MUL
Rw, Rw
Signed multiply direct GPR by direct GPR (16-16-bit)
2
MULU
Rw, Rw
Unsigned multiply direct GPR by direct GPR (16-16-bit)
2
DIV
Rw
Signed divide register MDL by direct GPR (16-/16-bit)
2
DIVL
Rw
Signed long divide register MD by direct GPR (32-/16-bit)
2
DIVLU
Rw
Unsigned long divide register MD by direct GPR
(32-/16-bit)
2
DIVU
Rw
Unsigned divide register MDL by direct GPR (16-/16-bit)
2
CPL
Rw
Complement direct word GPR
2
CPLB
Rb
Complement direct byte GPR
2
NEG
Rw
Negate direct word GPR
2
NEGB
Rb
Negate direct byte GPR
2
Logical Instructions
AND
Rw, Rw
Bitwise AND direct word GPR with direct GPR
2
AND
Rw, [Rw]
Bitwise AND indirect word memory with direct GPR
2
AND
Rw, [Rw +]
Bitwise AND indirect word memory with direct GPR and
post-increment source pointer by 2
2
AND
Rw, #data3
Bitwise AND immediate word data with direct GPR
2
AND
reg, #data16
Bitwise AND immediate word data with direct register
4
AND
reg, mem
Bitwise AND direct word memory with direct register
4
AND
mem, reg
Bitwise AND direct word register with direct memory
4
ANDB
Rb, Rb
Bitwise AND direct byte GPR with direct GPR
2
ANDB
Rb, [Rw]
Bitwise AND indirect byte memory with direct GPR
2
ANDB
Rb, [Rw +]
Bitwise AND indirect byte memory with direct GPR
and post-increment source pointer by 1
2
ANDB
Rb, #data3
Bitwise AND immediate byte data with direct GPR
2
ANDB
reg, #data8
Bitwise AND immediate byte data with direct register
4
ANDB
reg, mem
Bitwise AND direct byte memory with direct register
4
ANDB
mem, reg
Bitwise AND direct byte register with direct memory
4
Instruction Set Summary (cont’d)*
Mnemonic
Description
Bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com