Electronic Components Datasheet Search
  English  ▼

X  

M166 Datasheet(PDF) 21 Page - Siemens Semiconductor Group

Part # M166
Description  C16x Family of Siemens 16-Bit CMOS Single-Chip Microcontrollers
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

M166 Datasheet(HTML) 21 Page - Siemens Semiconductor Group

Back Button M166 Datasheet HTML 17Page - Siemens Semiconductor Group M166 Datasheet HTML 18Page - Siemens Semiconductor Group M166 Datasheet HTML 19Page - Siemens Semiconductor Group M166 Datasheet HTML 20Page - Siemens Semiconductor Group M166 Datasheet HTML 21Page - Siemens Semiconductor Group M166 Datasheet HTML 22Page - Siemens Semiconductor Group M166 Datasheet HTML 23Page - Siemens Semiconductor Group M166 Datasheet HTML 24Page - Siemens Semiconductor Group M166 Datasheet HTML 25Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 127 page
background image
30Mar98@15:00h
Semiconductor Group
21
Version 1.2, 12.97
C166 Family Instruction Set
Instruction Opcodes
4
Instruction Opcodes
The following pages list the instructions of the 16-bit microcontrollers ordered by their hexadecimal
opcodes. This helps to identify specific instructions when reading executable code, ie. during the
debugging phase.
Notes for Opcode Lists
1)
These instructions are encoded by means of additional bits in the operand field of the
instruction
x0H – x7H:
Rw, #data3
or
Rb, #data3
x8H – xBH:
Rw, [Rw]
or
Rb, [Rw]
xCH – xFH:
Rw, [Rw +]
or
Rb, [Rw +]
For these instructions only the lowest four GPRs, R0 to R3, can be used as indirect address
pointers.
2)
These instructions are encoded by means of additional bits in the operand field of the
instruction
00xx.xxxxB:
EXTS
or
ATOMIC
01xx.xxxxB:
EXTP
10xx.xxxxB:
EXTSR
or
EXTR
11xx.xxxxB:
EXTPR
The ATOMIC and EXTended instructions are not available in the SAB 8XC166(W) devices.
Notes on the JMPR Instructions
The condition code to be tested for the JMPR instructions is specified by the opcode.
Two mnemonic representation alternatives exist for some of the condition codes.
Notes on the BCLR and BSET Instructions
The position of the bit to be set or to be cleared is specified by the opcode. The operand
‘bitoff.n’ (n = 0 to 15) refers to a particular bit within a bit-addressable word.
Notes on the Undefined Opcodes
A hardware trap occurs when one of the undefined opcodes signified by ‘----’ is decoded by
the CPU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com