Electronic Components Datasheet Search
  English  ▼

X  

M166 Datasheet(PDF) 49 Page - Siemens Semiconductor Group

Part # M166
Description  C16x Family of Siemens 16-Bit CMOS Single-Chip Microcontrollers
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

M166 Datasheet(HTML) 49 Page - Siemens Semiconductor Group

Back Button M166 Datasheet HTML 45Page - Siemens Semiconductor Group M166 Datasheet HTML 46Page - Siemens Semiconductor Group M166 Datasheet HTML 47Page - Siemens Semiconductor Group M166 Datasheet HTML 48Page - Siemens Semiconductor Group M166 Datasheet HTML 49Page - Siemens Semiconductor Group M166 Datasheet HTML 50Page - Siemens Semiconductor Group M166 Datasheet HTML 51Page - Siemens Semiconductor Group M166 Datasheet HTML 52Page - Siemens Semiconductor Group M166 Datasheet HTML 53Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 127 page
background image
30Mar98@15:00h
Semiconductor Group
49
Version 1.2, 12.97
C166 Family Instruction Set
Instruction Description
BXOR
Bit Logical XOR
BXOR
Syntax
BXOR
op1, op2
Operation
(op1)
← (op1) ⊕ (op2)
Data Types
BIT
Description
Performs a single bit logical EXCLUSIVE OR of the source bit specified by
operand op2 with the destination bit specified by operand op1. The
XORed result is then stored in op1.
E Always cleared.
Z Contains the logical NOR of the two specified bits.
V Contains the logical OR of the two specified bits.
C Contains the logical AND of the two specified bits.
N Contains the logical XOR of the two specified bits.
Addressing Modes
Mnemonic
Format
Bytes
BXOR
bitaddrZ.z, bitaddrQ.q
7A QQ ZZ qz
4
Condition Flags
E
Z
V
C
N
0
NOR
OR
AND
XOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com