Electronic Components Datasheet Search
  English  ▼

X  

M166 Datasheet(PDF) 91 Page - Siemens Semiconductor Group

Part # M166
Description  C16x Family of Siemens 16-Bit CMOS Single-Chip Microcontrollers
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

M166 Datasheet(HTML) 91 Page - Siemens Semiconductor Group

Back Button M166 Datasheet HTML 87Page - Siemens Semiconductor Group M166 Datasheet HTML 88Page - Siemens Semiconductor Group M166 Datasheet HTML 89Page - Siemens Semiconductor Group M166 Datasheet HTML 90Page - Siemens Semiconductor Group M166 Datasheet HTML 91Page - Siemens Semiconductor Group M166 Datasheet HTML 92Page - Siemens Semiconductor Group M166 Datasheet HTML 93Page - Siemens Semiconductor Group M166 Datasheet HTML 94Page - Siemens Semiconductor Group M166 Datasheet HTML 95Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 127 page
background image
30Mar98@15:00h
Semiconductor Group
91
Version 1.2, 12.97
C166 Family Instruction Set
Instruction Description
OR
Logical OR
OR
Syntax
OR
op1, op2
Operation
(op1)
← (op1) ∨ (op2)
Data Types
WORD
Description
Performs a bitwise logical OR of the source operand specified by op2 and
the destination operand specified by op1. The result is then stored in op1.
E Set if the value of op2 represents the lowest possible negative number.
Cleared otherwise. Used to signal the end of a table.
Z Set if result equals zero. Cleared otherwise.
V Always cleared.
C Always cleared.
N Set if the most significant bit of the result is set. Cleared otherwise.
Addressing Modes
Mnemonic
Format
Bytes
OR
Rwn, Rwm
70 nm
2
OR
Rwn, [Rwi]
78 n:10ii
2
OR
Rwn, [Rwi+]
78 n:11ii
2
OR
Rwn, #data3
78 n:0###
2
OR
reg, #data16
76 RR ## ##
4
OR
reg, mem
72 RR MM MM
4
OR
mem, reg
74 RR MM MM
4
Condition Flags
E
Z
V
C
N
**
0
0
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com