Electronic Components Datasheet Search
  English  ▼

X  

HT82K94E Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT82K94E
Description  USB Multimedia Keyboard Encoder 8-Bit MCU
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K94E Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT82K94E Datasheet HTML 1Page - Holtek Semiconductor Inc HT82K94E Datasheet HTML 2Page - Holtek Semiconductor Inc HT82K94E Datasheet HTML 3Page - Holtek Semiconductor Inc HT82K94E Datasheet HTML 4Page - Holtek Semiconductor Inc HT82K94E Datasheet HTML 5Page - Holtek Semiconductor Inc HT82K94E Datasheet HTML 6Page - Holtek Semiconductor Inc HT82K94E Datasheet HTML 7Page - Holtek Semiconductor Inc HT82K94E Datasheet HTML 8Page - Holtek Semiconductor Inc HT82K94E Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
IOH1
I/O Port Source Current for PA1~PA7,
PB, PC, PD
5V
VOH=3.4V
-2
-4
-8
mA
IOH2
I/O Port Source Current for PA0
5V
VOH=3.4V
-12
-18
-24
mA
RPH
Pull-high Resistance for PA, PB, PC, PD
5V
¾
25
50
80
k
W
VLVR
Low Voltage Reset
¾
2-battery option
2.1
2.2
2.3
V
3-battery option
2.3
2.4
2.5
VLVD
Low Battery Detecting Voltage
¾
2-battery option
2.3
2.4
2.5
V
3-battery option
2.5
2.6
2.7
VV33O
3.3V Regulator Output
5V
IV33O=
-5mA
3.0
3.3
3.6
V
A.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
fSYS
System Clock (Crystal OSC)
5V
¾
6
¾
12
MHz
fTIMER
Timer I/P Frequency (TMR)
5V
¾
0
¾
12
MHz
tWDTOSC Watchdog Oscillator
5V
¾
15
31
70
ms
tWDT1
Watchdog Time-out Period (WDT OSC) 5V
Without WDT prescaler
4
8
16
ms
tWDT2
Watchdog Time-out Period
(System Clock)
¾ Without WDT prescaler
¾
1024
¾
tSYS
tRES
External Reset Low Pulse Width
¾¾
1
¾¾
ms
tSST
System Start-up Timer Period
¾
Wake-up from HALT
¾
1024
¾
tSYS
Power-up, Watchdog
Time-out from normal
¾
1024
¾
tWDTOSC
tINT
Interrupt Pulse Width
¾¾
1
¾¾
ms
HT82K94E/HT82K94A
Rev. 1.00
5
November 22, 2005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com