Electronic Components Datasheet Search
  English  ▼

X  

HT82K94E Datasheet(PDF) 17 Page - Holtek Semiconductor Inc

Part # HT82K94E
Description  USB Multimedia Keyboard Encoder 8-Bit MCU
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K94E Datasheet(HTML) 17 Page - Holtek Semiconductor Inc

Back Button HT82K94E Datasheet HTML 13Page - Holtek Semiconductor Inc HT82K94E Datasheet HTML 14Page - Holtek Semiconductor Inc HT82K94E Datasheet HTML 15Page - Holtek Semiconductor Inc HT82K94E Datasheet HTML 16Page - Holtek Semiconductor Inc HT82K94E Datasheet HTML 17Page - Holtek Semiconductor Inc HT82K94E Datasheet HTML 18Page - Holtek Semiconductor Inc HT82K94E Datasheet HTML 19Page - Holtek Semiconductor Inc HT82K94E Datasheet HTML 20Page - Holtek Semiconductor Inc HT82K94E Datasheet HTML 21Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
HT82K94E/HT82K94A
Rev. 1.00
17
November 22, 2005
optioned as CMOS/NMOS/PMOS configurations.
These control registers are mapped to locations 13H,
15H, 17H and 19H.
After a chip reset, these input/output lines remain at high
levels or floating state (depending on the pull-high op-
tions). Each bit of these input/output latches can be set
or cleared by
²SET [m].i² and ²CLR [m].i² (m=12H, 14H,
16H or 18H) instructions.
Some instructions first input data and then follow the
output operations. For example,
²SET [m].i², ²CLR
[m].i
², ²CPL [m]², ²CPLA [m]² read the entire port states
into the CPU, execute the defined operations
(bit-operation), and then write the results back to the
latches or the accumulator.
Each line of all the I/O ports have the capability of wak-
ing up the device.
There are pull-high options available for I/O lines. Once
the pull-high option of an I/O line is selected, the I/O line
have pull-high resistor. Otherwise, the pull-high resistor
is absent. It should be noted that a non-pull-high I/O line
operating in input mode will cause a floating state.
It is recommended that unused or not bonded out I/O
lines should be set as output pins by software instruction
to avoid consuming power under input floating state.
Low Voltage Reset/Detector
- LVR/LVD
The microcontroller contains a low voltage reset circuit
in order to monitor the supply voltage of the device. If the
supply voltage of the device drops to within a range of
0.9V~VLVR such as might occur when changing the bat-
tery, the LVR will automatically reset the device inter-
nally.
The LVR includes the following specifications:
· For a valid LVR signal, a low voltage i.e. a voltage in
the range between 0.9V~VLVR must exist for greater
than 1ms. If the low voltage state does not exceed
1ms, the LVR will ignore it and do not perform a reset
function.
· The LVR uses the
²OR² function with the external
RES signal to perform chip reset.
The relationship between VDD and VLVR is shown below.
Note:
VOPR is the voltage range for proper chip opera-
tion at 4MHz system clock.
There is a low voltage detector (LVD) and a low voltage
reset circuit (LVR) implemented in the microcontrollers.
Where LVR function can be enabled/disabled by op-
tions. User can read the LVD detector status (0/1) from
MISC.5. The LVR has the same effect or function with
the external RES signal which performs a chip reset.
Both LVR and LVD functions will disable in the HALT
mode.
There are two kind of LVR/LVD definition: 2-battery or
3-battery option.
When 2-battery option is selected: LVR=2.2V;
LVD=2.4V. Otherwise, 3-battery option is selected:
LVR=2.4V; LVD=2.6V.
5 . 5 V
2 . 2 V ~ 2 . 4 V
2 . 0 V ~ 2 . 2 V
0 . 9 V
V D D
V O P R
V L V R
5 . 5 V
V D D
5 . 5 V
V L V R
0 . 9 V
0 V
R e s e t S i g n a l
R e s e t
* 1
* 2
N o r m a l O p e r a t i o n
R e s e t
L V R D e t e c t V o l t a g e
Low Voltage Reset
Note:
*1. To make sure that the system oscillator has stabilized, the SST provides an extra delay of 1024 system
clock pulses before entering the normal operation.
*2. Since low voltage has to be maintained for over 1ms in its original state, therefore there
¢s a 1ms delay
before entering the reset mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com