Electronic Components Datasheet Search
  English  ▼

X  

HT82K94E Datasheet(PDF) 8 Page - Holtek Semiconductor Inc

Part # HT82K94E
Description  USB Multimedia Keyboard Encoder 8-Bit MCU
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K94E Datasheet(HTML) 8 Page - Holtek Semiconductor Inc

Back Button HT82K94E Datasheet HTML 4Page - Holtek Semiconductor Inc HT82K94E Datasheet HTML 5Page - Holtek Semiconductor Inc HT82K94E Datasheet HTML 6Page - Holtek Semiconductor Inc HT82K94E Datasheet HTML 7Page - Holtek Semiconductor Inc HT82K94E Datasheet HTML 8Page - Holtek Semiconductor Inc HT82K94E Datasheet HTML 9Page - Holtek Semiconductor Inc HT82K94E Datasheet HTML 10Page - Holtek Semiconductor Inc HT82K94E Datasheet HTML 11Page - Holtek Semiconductor Inc HT82K94E Datasheet HTML 12Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
HT82K94E/HT82K94A
Rev. 1.00
8
November 22, 2005
It will not be enabled until the TBLH has been backed
up. All table related instructions require two cycles to
complete the operation. These areas may function as
normal program memory depending on the require-
ments.
Once TBHP is enabled, the instruction
²TABRDC [m]²
reads the ROM data as defined by TBLP and TBHP
value. Otherwise, the ROM code option TBHP is dis-
abled, the instruction
²TABRDC [m]² reads the ROM
data as defined by TBLP and the current program
counter bits.
Stack Register
- STACK
This is a special part of the memory which is used to
save the contents of the program counter only. The
stack is organized into 8 levels and is neither part of the
data nor part of the program space, and is neither read-
able nor writeable. The activated level is indexed by the
stack pointer (SP) and is neither readable nor writeable.
At a subroutine call or interrupt acknowledge signal, the
contents of the program counter are pushed onto the
stack. At the end of a subroutine or an interrupt routine,
signaled by a return instruction (RET or RETI), the pro-
gram counter is restored to its previous value from the
stack. After a chip reset, the SP will point to the top of the
stack.
If the stack is full and a non-masked interrupt takes
place, the interrupt request flag will be recorded but the
acknowledge signal will be inhibited. When the stack
pointer is decremented (by RET or RETI), the interrupt
will be serviced. This feature prevents stack overflow al-
lowing the programmer to use the structure more easily.
In a similar case, if the stack is full and a
²CALL² is sub-
sequently executed, stack overflow occurs and the first
entry will be lost (only the most recent 8 return ad-
dresses are stored).
Data Memory
- RAM for Bank 0
The data memory is designed with 255
´8 bits. The
data memory is divided into two functional groups: spe-
cial function registers and general purpose data mem-
ory (224
´8). Most are read/write, but some are read
only.
The special function registers include the indirect ad-
dressing registers (R0;00H, R1;02H), Bank register
(BP, 04H), Timer/Event Counter 0 (TMR0;0DH),
Timer/Event Counter 0 control register (TMR0C;0EH),
Timer/Event Counter 1 higher order byte register
(TMR1H;0FH), Timer/Event Counter 1 lower order byte
register (TMR1L;10H), Timer/Event Counter 1 control
register (TMR1C;11H), program counter lower-order
byte register (PCL;06H), memory pointer registers
(MP0;01H, MP1;03H), accumulator (ACC;05H), table
pointer (TBLP;07H, TBHP;1FH), table higher-order
byte
register
(TBLH;08H),
status
register
(STATUS;0AH), interrupt control register (INTC;0BH),
Watchdog Timer option setting register (WDTS;09H),
I/O registers (PA;12H, PB;14H, PC;16H, PD;18H,
PE;1AH), I/O control registers (PAC;13H, PBC;15H,
PCC;17H, PDC;19H, PEC;1BH). USB/PS2 status and
control register (USC;1CH), USB endpoint interrupt
status register (USR;1DH), system clock control regis-
ter (SCC;1EH). The general purpose data memory, ad-
dressed from 20H to FFH, is used for data and control
information under instruction commands.
All of the data memory areas can handle arithmetic,
logic, increment, decrement and rotate operations di-
rectly. Except for some dedicated bits, each bit in the
data memory can be set and reset by
²SET [m].i² and
²CLR [m].i². They are also indirectly accessible through
memory pointer registers (MP0 or MP1).
G e n e r a l P u r p o s e
D A T A M E M O R Y
( 2 2 4 B y t e s )
S p e c i a l P u r p o s e
D A T A M E M O R Y
0 0 H
0 1 H
0 2 H
0 3 H
0 4 H
0 5 H
0 6 H
0 7 H
0 8 H
0 9 H
0 A H
0 B H
0 C H
0 D H
0 E H
0 F H
1 0 H
1 1 H
1 2 H
1 3 H
1 4 H
1 5 H
1 6 H
1 7 H
1 8 H
1 9 H
1 A H
1 B H
1 C H
1 D H
1 E H
1 F H
F F H
: U n u s e d
R e a d a s " 0 0 "
2 0 H
I n d i r e c t A d d r e s s i n g R e g i s t e r 0
M P 0
I n d i r e c t A d d r e s s i n g R e g i s t e r 1
M P 1
B P
A C C
P C L
T B L P
T B L H
W D T S
S T A T U S
I N T C
T M R 0
T M R 0 C
T M R 1 H
T M R 1 L
T M R 1 C
P A
P A C
P B
P B C
P C
P C C
P D
P D C
P E
P E C
U S C
U S R
S C C
T B H P
B a n k 0
Bank 0 RAM Mapping



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com