Electronic Components Datasheet Search
  English  ▼

X  

HT82K94E Datasheet(PDF) 38 Page - Holtek Semiconductor Inc

Part # HT82K94E
Description  USB Multimedia Keyboard Encoder 8-Bit MCU
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K94E Datasheet(HTML) 38 Page - Holtek Semiconductor Inc

Back Button HT82K94E Datasheet HTML 34Page - Holtek Semiconductor Inc HT82K94E Datasheet HTML 35Page - Holtek Semiconductor Inc HT82K94E Datasheet HTML 36Page - Holtek Semiconductor Inc HT82K94E Datasheet HTML 37Page - Holtek Semiconductor Inc HT82K94E Datasheet HTML 38Page - Holtek Semiconductor Inc HT82K94E Datasheet HTML 39Page - Holtek Semiconductor Inc HT82K94E Datasheet HTML 40Page - Holtek Semiconductor Inc HT82K94E Datasheet HTML 41Page - Holtek Semiconductor Inc HT82K94E Datasheet HTML 42Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 44 page
background image
SZ [m]
Skip if data memory is 0
Description
If the contents of the specified data memory are 0, the following instruction, fetched during
the current instruction execution, is discarded and a dummy cycle is replaced to get the
proper instruction (2 cycles). Otherwise proceed with the next instruction (1 cycle).
Operation
Skip if [m]=0
Affected flag(s)
TO
PDF
OV
Z
AC
C
¾¾¾¾¾¾
SZA [m]
Move data memory to ACC, skip if 0
Description
The contents of the specified data memory are copied to the accumulator. If the contents is
0, the following instruction, fetched during the current instruction execution, is discarded
and a dummy cycle is replaced to get the proper instruction (2 cycles). Otherwise proceed
with the next instruction (1 cycle).
Operation
Skip if [m]=0
Affected flag(s)
TO
PDF
OV
Z
AC
C
¾¾¾¾¾¾
SZ [m].i
Skip if bit i of the data memory is 0
Description
If bit i of the specified data memory is 0, the following instruction, fetched during the current
instruction execution, is discarded and a dummy cycle is replaced to get the proper instruc-
tion (2 cycles). Otherwise proceed with the next instruction (1 cycle).
Operation
Skip if [m].i=0
Affected flag(s)
TO
PDF
OV
Z
AC
C
¾¾¾¾¾¾
TABRDC [m]
Move the ROM code (locate by TBLP and TBHP) to TBLH and data memory (ROM code
TBHP is enabled)
Description
The low byte of ROM code addressed by the table pointer (TBLP and TBHP) is moved to
the specified data memory and the high byte transferred to TBLH directly.
Operation
[m]
¬ ROM code (low byte)
TBLH
¬ ROM code (high byte)
Affected flag(s)
TO
PDF
OV
Z
AC
C
¾¾¾¾¾¾
TABRDC [m]
Move the ROM code (current page) to TBLH and data memory (ROM code TBHP is dis-
abled)
Description
The low byte of ROM code (current page) addressed by the table pointer (TBLP) is moved
to the specified data memory and the high byte transferred to TBLH directly.
Operation
[m]
¬ ROM code (low byte)
TBLH
¬ ROM code (high byte)
Affected flag(s)
TO
PDF
OV
Z
AC
C
¾¾¾¾¾¾
HT82K94E/HT82K94A
Rev. 1.00
38
November 22, 2005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com