Electronic Components Datasheet Search
  English  ▼

X  

HT82K94E Datasheet(PDF) 43 Page - Holtek Semiconductor Inc

Part # HT82K94E
Description  USB Multimedia Keyboard Encoder 8-Bit MCU
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K94E Datasheet(HTML) 43 Page - Holtek Semiconductor Inc

Back Button HT82K94E Datasheet HTML 36Page - Holtek Semiconductor Inc HT82K94E Datasheet HTML 37Page - Holtek Semiconductor Inc HT82K94E Datasheet HTML 38Page - Holtek Semiconductor Inc HT82K94E Datasheet HTML 39Page - Holtek Semiconductor Inc HT82K94E Datasheet HTML 40Page - Holtek Semiconductor Inc HT82K94E Datasheet HTML 41Page - Holtek Semiconductor Inc HT82K94E Datasheet HTML 42Page - Holtek Semiconductor Inc HT82K94E Datasheet HTML 43Page - Holtek Semiconductor Inc HT82K94E Datasheet HTML 44Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 43 / 44 page
background image
Carrier Tape Dimensions
SSOP 48W
Symbol
Description
Dimensions in mm
W
Carrier Tape Width
32
±0.3
P
Cavity Pitch
16
±0.1
E
Perforation Position
1.75
±0.1
F
Cavity to Perforation (Width Direction)
14.2
±0.1
D
Perforation Diameter
2 Min.
D1
Cavity Hole Diameter
1.5+0.25
P0
Perforation Pitch
4
±0.1
P1
Cavity to Perforation (Length Direction)
2
±0.1
A0
Cavity Length
12
±0.1
B0
Cavity Width
16.2
±0.1
K1
Cavity Depth
2.4
±0.1
K2
Cavity Depth
3.2
±0.1
t
Carrier Tape Thickness
0.35
±0.05
C
Cover Tape Width
25.5
HT82K94E/HT82K94A
Rev. 1.00
43
November 22, 2005
P
D 1
W
P 1
P 0
D
E
F
t
K 0
B 0
A 0
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com