Electronic Components Datasheet Search
  English  ▼

X  

ADC14L040 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC14L040
Description  14-Bit, 40 MSPS, 235 mW A/D Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC14L040 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  ADC14L040 Datasheet HTML 1Page - National Semiconductor (TI) ADC14L040 Datasheet HTML 2Page - National Semiconductor (TI) ADC14L040 Datasheet HTML 3Page - National Semiconductor (TI) ADC14L040 Datasheet HTML 4Page - National Semiconductor (TI) ADC14L040 Datasheet HTML 5Page - National Semiconductor (TI) ADC14L040 Datasheet HTML 6Page - National Semiconductor (TI) ADC14L040 Datasheet HTML 7Page - National Semiconductor (TI) ADC14L040 Datasheet HTML 8Page - National Semiconductor (TI) ADC14L040 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Absolute Maximum Ratings (Notes 1,
2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
V
A,VD,VDR
4.2V
|V
A–VD|
≤ 100 mV
Voltage on Any Input or Output Pin
−0.3V to (V
A or VD
+0.3V)
Input Current at Any Pin (Note 3)
±25 mA
Package Input Current (Note 3)
±50 mA
Package Dissipation at T
A = 25˚C
See (Note 4)
ESD Susceptibility
Human Body Model (Note 5)
2500V
Machine Model (Note 5)
250V
Storage Temperature
−65˚C to +150˚C
Soldering process must comply with National
Semiconductor’s Reflow Temperature Profile
specifications. Refer to www.national.com/packaging.
(Note 6)
Operating Ratings (Notes 1, 2)
Operating Temperature
−40˚C
≤ T
A
≤ +85˚C
Supply Voltage (V
A,VD)
+3.0V to +3.6V
Output Driver Supply (V
DR)
+2.4V to V
D
CLK, PD
−0.05V to (V
D + 0.05V)
Clock Duty Cycle (DCS On)
20% to 80%
Clock Duty Cycle (DCS Off)
40% to 60%
Analog Input Pins
0V to 2.6V
V
CM
0.5V to 2.0V
|AGND–DGND|
≤100mV
Converter Electrical Characteristics
Unless otherwise specified, the following specifications apply for AGND = DGND = DR GND = 0V, V
A =VD = +3.3V, VDR =
+2.5V, PD = 0V, External V
REF = +1.0V, fCLK = 40 MHz, fIN = 20 MHz at -0.5dBFS, tr =tf = 2 ns, CL = 15 pF/pin, Duty Cycle
Stabilizer On. Boldface limits apply for T
J =TMIN to TMAX: all other limits TJ = 25˚C (Notes 7, 8, 9)
Symbol
Parameter
Conditions
Typical
(Note 10)
Limits
(Note 10)
Units
(Limits)
STATIC CONVERTER CHARACTERISTICS
Resolution with No Missing Codes
14
Bits (min)
INL
Integral Non Linearity (Note 11)
±1.5
±3.8
LSB (max)
DNL
Differential Non Linearity
±0.5
±1.0
LSB (max)
PGE
Positive Gain Error
0.3
±3.3
%FS (max)
NGE
Negative Gain Error
0.4
±3.3
%FS (max)
TC GE
Gain Error Tempco
−40˚C
≤ T
A
≤ +85˚C
2.5
ppm/˚C
V
OFF
Offset Error (V
IN+=VIN−)
-0.06
±1.0
%FS (max)
TC
V
OFF
Offset Error Tempco
−40˚C
≤ T
A
≤ +85˚C
1.5
ppm/˚C
Under Range Output Code
0
Over Range Output Code
16383
REFERENCE AND ANALOG INPUT CHARACTERISTICS
V
CM
Common Mode Input Voltage
1.5
0.5
V (min)
2.0
V (max)
V
RM
Reference Output Voltage
Output load=1mA
1.5
V
C
IN
V
IN Input Capacitance (each pin to
GND)
V
IN = 1.5 Vdc
± 0.5 V
(CLK LOW)
11
pF
(CLK HIGH)
4.5
pF
V
REF
External Reference Voltage (Note
13)
1.00
0.8
V (min)
1.2
V (max)
Reference Input Resistance
1
M
Ω (min)
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com