Electronic Components Datasheet Search
  English  ▼

X  

ADC14L040 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC14L040
Description  14-Bit, 40 MSPS, 235 mW A/D Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC14L040 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  ADC14L040 Datasheet HTML 1Page - National Semiconductor (TI) ADC14L040 Datasheet HTML 2Page - National Semiconductor (TI) ADC14L040 Datasheet HTML 3Page - National Semiconductor (TI) ADC14L040 Datasheet HTML 4Page - National Semiconductor (TI) ADC14L040 Datasheet HTML 5Page - National Semiconductor (TI) ADC14L040 Datasheet HTML 6Page - National Semiconductor (TI) ADC14L040 Datasheet HTML 7Page - National Semiconductor (TI) ADC14L040 Datasheet HTML 8Page - National Semiconductor (TI) ADC14L040 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
ADC14L040
14-Bit, 40 MSPS, 235 mW A/D Converter
General Description
The ADC14L040 is a low power monolithic CMOS analog-
to-digital converter capable of converting analog input sig-
nals into 14-bit digital words at 40 Megasamples per second
(MSPS). This converter uses a differential, pipeline architec-
ture with digital error correction and an on-chip sample-and-
hold circuit to minimize power consumption while providing
excellent dynamic performance and a 150 MHz Full Power
Bandwidth. Operating on a single +3.3V power supply, the
ADC14L040 achieves 11.9 effective bits at nyquist and con-
sumes just 235 mW at 40 MSPS . The Power Down feature
reduces power consumption to 15 mW.
The differential inputs provide a full scale differential input
swing equal to 2 times V
REF with the possibility of a single-
ended input. Full use of the differential input is recom-
mended for optimum performance. Duty cycle stabilization
and output data format are selectable using a quad state
function pin. The output data can be set for offset binary or
two’s complement.
To ease interfacing to lower voltage systems, the digital
output driver power pins of the ADC14L040 can be con-
nected to a separate supply voltage in the range of 2.4V to
the analog supply voltage.
This device is available in the 32-lead LQFP package and
will operate over the industrial temperature range of −40˚C to
+85˚C. An evaluation board is available to ease the evalua-
tion process.
Features
n
Single +3.3V supply operation
n
Internal sample-and-hold
n
Internal reference
n
Outputs 2.4V to 3.6V compatible
n
Duty Cycle Stabilizer
n
Power down mode
Key Specifications
n
Resolution
14 Bits
n
DNL
±0.5 LSB (typ)
n
SNR (f
IN = 10 MHz)
74 dB (typ)
n
SFDR (f
IN = 10 MHz)
90 dB (typ)
n
Data Latency
7 Clock Cycles
n
Power Consumption
n
-- Operating
235 mW (typ)
n
-- Power Down Mode
15 mW (typ)
Applications
n
Medical Imaging
n
Instrumentation
n
Communications
n
Digital Video
Connection Diagram
20146501
March 2006
© 2006 National Semiconductor Corporation
DS201465
www.national.com


Similar Part No. - ADC14L040

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC14L040 TI1-ADC14L040 Datasheet
813Kb / 33P
14-Bit, 40 MSPS, 235 mW A/D Converter
ADC14L040 TI1-ADC14L040 Datasheet
821Kb / 30P
235 mW A/D Converter
ADC14L040 TI2-ADC14L040 Datasheet
968Kb / 32P
ADC14L040 14-Bit, 40 MSPS, 235 mW A/D Converter
REVISED APRIL 2013
ADC14L040CIVY/NOPB TI1-ADC14L040CIVY/NOPB Datasheet
821Kb / 30P
235 mW A/D Converter
ADC14L040CIVY/NOPB TI2-ADC14L040CIVY/NOPB Datasheet
968Kb / 32P
ADC14L040 14-Bit, 40 MSPS, 235 mW A/D Converter
REVISED APRIL 2013
More results

Similar Description - ADC14L040

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC14071 NSC-ADC14071 Datasheet
427Kb / 18P
14-Bit, 7 MSPS, 380 mW A/D Converter
logo
Analog Devices
AD6644 AD-AD6644 Datasheet
1Mb / 19P
14-Bit, 40 MSPS/65 MSPS A/D Converter
logo
National Semiconductor ...
ADC14L020 NSC-ADC14L020 Datasheet
915Kb / 23P
14-Bit, 20 MSPS, 150 mW A/D Converter
logo
Cadeka Microcircuits LL...
SPT7734 CADEKA-SPT7734 Datasheet
191Kb / 9P
8-BIT, 40 MSPS,175 mW A/D CONVERTER
logo
Analog Devices
AD9244 AD-AD9244_05 Datasheet
1Mb / 36P
14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. C
logo
Texas Instruments
ADC14L020 TI1-ADC14L020_14 Datasheet
803Kb / 33P
14-Bit, 20 MSPS, 150 mW A/D Converter
ADC14L040 TI1-ADC14L040_14 Datasheet
813Kb / 33P
14-Bit, 40 MSPS, 235 mW A/D Converter
logo
Analog Devices
AD9244 AD-AD9244_15 Datasheet
1Mb / 36P
14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. C
logo
Texas Instruments
ADC14L040 TI1-ADC14L040 Datasheet
821Kb / 30P
235 mW A/D Converter
logo
Analog Devices
AD9244 AD-AD9244_17 Datasheet
996Kb / 37P
14-Bit, 40 MSPS/65 MSPS A/D Converter
Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com