Electronic Components Datasheet Search
  English  ▼

X  

ADC14L040 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC14L040
Description  14-Bit, 40 MSPS, 235 mW A/D Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC14L040 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button ADC14L040 Datasheet HTML 2Page - National Semiconductor (TI) ADC14L040 Datasheet HTML 3Page - National Semiconductor (TI) ADC14L040 Datasheet HTML 4Page - National Semiconductor (TI) ADC14L040 Datasheet HTML 5Page - National Semiconductor (TI) ADC14L040 Datasheet HTML 6Page - National Semiconductor (TI) ADC14L040 Datasheet HTML 7Page - National Semiconductor (TI) ADC14L040 Datasheet HTML 8Page - National Semiconductor (TI) ADC14L040 Datasheet HTML 9Page - National Semiconductor (TI) ADC14L040 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Converter Electrical Characteristics (Continued)
Unless otherwise specified, the following specifications apply for AGND = DGND = DR GND = 0V, V
A =VD = +3.3V, VDR =
+2.5V, PD = 0V, External V
REF = +1.0V, fCLK = 40 MHz, fIN = 20 MHz at -0.5dBFS, tr =tf = 2 ns, CL = 15 pF/pin, Duty Cycle
Stabilizer On. Boldface limits apply for T
J =TMIN to TMAX: all other limits TJ = 25˚C (Notes 7, 8, 9)
Symbol
Parameter
Conditions
Typical
(Note 10)
Limits
(Note 10)
Units
(Limits)
DYNAMIC CONVERTER CHARACTERISTICS
FPBW
Full Power Bandwidth
0 dBFS Input, Output at −3 dB
150
MHz
SNR
Signal-to-Noise Ratio
f
IN = 10 MHz
74
dBc
f
IN = 20 MHz
73.3
71.7
dBc
SINAD
Signal-to-Noise Ratio and
Distortion
f
IN = 10 MHz
73.5
dBc
f
IN = 20 MHz
73
71.5
dBc
ENOB
Effective Number of Bits
f
IN = 10 MHz
12
Bits
f
IN = 20 MHz
11.9
11.6
Bits
THD
Total Harmonic Disortion
f
IN = 10 MHz
-86
dBc
f
IN = 20 MHz
-86
-77
dBc
H2
Second Harmonic Distortion
f
IN = 10 MHz
-93
dBc
f
IN = 20 MHz
-91
-80
dBc
H3
Third Harmonic Distortion
f
IN = 10 MHz
-90
dBc
f
IN = 20 MHz
-94
-80
dBc
SFDR
Spurious Free Dynamic Range
f
IN = 10 MHz
90
dBc
f
IN = 20 MHz
90
80
dBc
IMD
Intermodulation Distortion
f
IN = 9.6 MHz and 10.2 MHz,
each = −6.5 dBFS
−79
dBFS
DC and Logic Electrical Characteristics
Unless otherwise specified, the following specifications apply for AGND = DGND = DR GND = 0V, V
A =VD = +3.3V, VDR =
+2.5V, PD = 0V, External V
REF = +1.0V, fCLK = 40 MHz, fIN = 20 MHz, tr =tf = 2 ns, CL = 15 pF/pin, Duty Cycle Stabilizer On.
Boldface limits apply for T
J =TMIN to TMAX: all other limits TJ = 25˚C (Notes 7, 8, 9)
Symbol
Parameter
Conditions
Typical
(Note 10)
Limits
(Note 10)
Units
(Limits)
CLK, PD DIGITAL INPUT CHARACTERISTICS
V
IN(1)
Logical “1” Input Voltage
V
D = 3.6V
2.0
V (min)
V
IN(0)
Logical “0” Input Voltage
V
D = 3.0V
1.0
V (max)
I
IN(1)
Logical “1” Input Current
V
IN = 3.3V
10
µA
I
IN(0)
Logical “0” Input Current
V
IN = 0V
−10
µA
C
IN
Digital Input Capacitance
5
pF
D0–D13 DIGITAL OUTPUT CHARACTERISTICS
V
OUT(1)
Logical “1” Output Voltage
I
OUT = −0.5 mA
V
DR = 2.5V
2.3
V (min)
V
DR =3V
2.7
V (min)
V
OUT(0)
Logical “0” Output Voltage
I
OUT = 1.6 mA, VDR =3V
0.4
V (max)
+I
SC
Output Short Circuit Source
Current
V
OUT = 0V
−10
mA
−I
SC
Output Short Circuit Sink Current
V
OUT =VDR
10
mA
C
OUT
Digital Output Capacitance
5
pF
POWER SUPPLY CHARACTERISTICS
I
A
Analog Supply Current
PD Pin = DGND, V
REF =VA
PD Pin = V
D
63
4.5
86
mA (max)
mA
I
D
Digital Supply Current
PD Pin = DGND
PD Pin = V
D ,fCLK =0
8
0
12
mA (max)
mA
I
DR
Digital Output Supply Current
PD Pin = DGND, C
L = 5 pF (Note 14)
PD Pin = V
D,fCLK =0
4
0
mA
mA
Total Power Consumption
PD Pin = DGND, C
L = 5 pF (Note 15)
235
323
mW (max)
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com