Electronic Components Datasheet Search
  English  ▼

X  

ADC14L040 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC14L040
Description  14-Bit, 40 MSPS, 235 mW A/D Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC14L040 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button ADC14L040 Datasheet HTML 12Page - National Semiconductor (TI) ADC14L040 Datasheet HTML 13Page - National Semiconductor (TI) ADC14L040 Datasheet HTML 14Page - National Semiconductor (TI) ADC14L040 Datasheet HTML 15Page - National Semiconductor (TI) ADC14L040 Datasheet HTML 16Page - National Semiconductor (TI) ADC14L040 Datasheet HTML 17Page - National Semiconductor (TI) ADC14L040 Datasheet HTML 18Page - National Semiconductor (TI) ADC14L040 Datasheet HTML 19Page - National Semiconductor (TI) ADC14L040 Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
Typical Performance Characteristics Unless otherwise specified, the following specifications apply
for AGND = DGND = DR GND = 0V, V
A =VD = +3.3V, VDR = +2.5V, PD = 0V, External VREF = +1.0V, fCLK = 40 MHz, fIN =
20 MHz, t
r =tf = 2 ns, CL = 15 pF/pin, Duty Cycle Stabilizer On. Boldface limits apply for TJ =TMIN to TMAX: all other limits
TJ = 25˚C (Continued)
Spectral Response @ 10 MHz Input
Spectral Response @ 20 MHz Input
20146588
20146589
Intermodulation Distortion, f
IN1= 9.6 MHz, fIN2 = 10.2
MHz
20146590
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com