Electronic Components Datasheet Search
  English  ▼

X  

STRH12P10 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STRH12P10
Description  Rad-Hard 100 V, 12 A, P-channel Power MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STRH12P10 Datasheet(HTML) 5 Page - STMicroelectronics

  STRH12P10 Datasheet HTML 1Page - STMicroelectronics STRH12P10 Datasheet HTML 2Page - STMicroelectronics STRH12P10 Datasheet HTML 3Page - STMicroelectronics STRH12P10 Datasheet HTML 4Page - STMicroelectronics STRH12P10 Datasheet HTML 5Page - STMicroelectronics STRH12P10 Datasheet HTML 6Page - STMicroelectronics STRH12P10 Datasheet HTML 7Page - STMicroelectronics STRH12P10 Datasheet HTML 8Page - STMicroelectronics STRH12P10 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
3.2
Single event effect SOA
Single event burnout (SEB) and single event gate rupture (SEGR) are performed according to MIL-STD-750E,
method 1080, using bias circuit shown in Figure 2. Single event effect, bias circuit, at the following conditions.
•
Fluence of 3e+5 ions/cm
•
Acceptance criteria:
–
SEB (test): drain voltage checked, trigger level is set to VDS = - 5 V. Stop condition: as soon as a SEB
occurs or if the fluence reaches 3e+5 ions/cm².
–
SEGR test: the gate current is monitored every 200 ms. The test is halted as soon as the gate current
reaches 100 nA during irradiation or during post irradiation gate stress (PIGS) or if the fluence reaches
3e+5 ions/cm².
Table 6. Single event effect (SEE), safe operating area (SOA)
Ion
Let (Mev/(mg/cm2)
Energy
(MeV)
Range
(μm)
Kr
32
768
94
756
92
Cu
28
285
43
Xe
60
1217
89
Figure 1. Single event effect, SOA
Figure 2. Single event effect, bias circuit
R4
R3
C4
270
270
820 pF
U2
Vgs
C5
220 nF
C6
4.7 µF
Vds
AM09224v1
Ω
Ω
STRH12P10
Single event effect RBSOA
DS8699 - Rev 9
page 5/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com