Electronic Components Datasheet Search
  English  ▼

X  

STRH12P10 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STRH12P10
Description  Rad-Hard 100 V, 12 A, P-channel Power MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STRH12P10 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STRH12P10 Datasheet HTML 6Page - STMicroelectronics STRH12P10 Datasheet HTML 7Page - STMicroelectronics STRH12P10 Datasheet HTML 8Page - STMicroelectronics STRH12P10 Datasheet HTML 9Page - STMicroelectronics STRH12P10 Datasheet HTML 10Page - STMicroelectronics STRH12P10 Datasheet HTML 11Page - STMicroelectronics STRH12P10 Datasheet HTML 12Page - STMicroelectronics STRH12P10 Datasheet HTML 13Page - STMicroelectronics STRH12P10 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
6
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
6.1
TO-257AA package information
Figure 17. TO-257AA package outline
3
1
2
Pin 1: Drain
Pin 2: Source
Pin 3: Gate
0117268_E
STRH12P10
Package information
DS8699 - Rev 9
page 10/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com