Electronic Components Datasheet Search
  English  ▼

X  

STRH12P10 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STRH12P10
Description  Rad-Hard 100 V, 12 A, P-channel Power MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STRH12P10 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STRH12P10 Datasheet HTML 7Page - STMicroelectronics STRH12P10 Datasheet HTML 8Page - STMicroelectronics STRH12P10 Datasheet HTML 9Page - STMicroelectronics STRH12P10 Datasheet HTML 10Page - STMicroelectronics STRH12P10 Datasheet HTML 11Page - STMicroelectronics STRH12P10 Datasheet HTML 12Page - STMicroelectronics STRH12P10 Datasheet HTML 13Page - STMicroelectronics STRH12P10 Datasheet HTML 14Page - STMicroelectronics STRH12P10 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Table 7. TO-257AA package mechanical data
Symbols
Dimensions (mm)
Dimensions (inches)
Min.
Typ.
Max.
Min.
Typ.
Max.
A
4.83
5.08
0.190
0.200
A1
0.89
1.14
0.035
0.045
A2
3.05
0.120
b
0.64
1.02
0.025
0.040
b1
0.64
0.76
0.89
0.025
0.030
0.035
D
16.38
16.89
0.645
0.665
D1
10.41
10.92
0.410
0.430
D2
-
-
0.97
0.038
e
2.54
0.100
E
10.41
10.67
0.410
0.420
L
15.24
16.51
0.600
0.650
L1
13.39
13.64
0.527
0.537
P
3.56
3.81
0.140
0.150
Note:
The case is not connected to any lead.
STRH12P10
TO-257AA package information
DS8699 - Rev 9
page 11/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com