Electronic Components Datasheet Search
  English  ▼

X  

STRH12P10 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STRH12P10
Description  Rad-Hard 100 V, 12 A, P-channel Power MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STRH12P10 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STRH12P10 Datasheet HTML 7Page - STMicroelectronics STRH12P10 Datasheet HTML 8Page - STMicroelectronics STRH12P10 Datasheet HTML 9Page - STMicroelectronics STRH12P10 Datasheet HTML 10Page - STMicroelectronics STRH12P10 Datasheet HTML 11Page - STMicroelectronics STRH12P10 Datasheet HTML 12Page - STMicroelectronics STRH12P10 Datasheet HTML 13Page - STMicroelectronics STRH12P10 Datasheet HTML 14Page - STMicroelectronics STRH12P10 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
Revision history
Table 10. Document revision history
Date
Version
Changes
07-Oct-2011
1
First release.
24-Jun-2013
2
Document status promoted form preliminary data to production data.
– Modified: Figure 1
– Modified: EAS, EAR parameter and values in Table 4
– Modified: IGSS, and added note 1 in Table 5
– Added: note 1 in Table 6
– Modified: trr, qrr and IRRM parameter in Table 8
– Modified: RDS(on) test conditions in Table 9, the entire test conditions in
Table 10
– Modified: Figure 4
25-Nov-2013
3
– Modified: package drawing and Figure 1.
18-Dec-2013
4
– Updated Table 1: Device summary and Table 14: Ordering information.
– Updated Section : Total dose radiation (TID) testing.
19-Jan-2015
5
– Updated Table 13.: TO-257AA mechanical data
– Minor text changes
02-May-2019
6
Updated Table 7. Pre-irradation source drain diode and Table 4. Preirradiation
on/off states.
Minor text changes
29-Feb-2020
7
Updated Table 10 and TO-257 AA package information.
21-Jan-2021
8
Updated Product summary, Table 4, Table 5, Table 6, Figure 1, Table 8 and
Table 10.
05-May-2022
9
Updated features in cover page.
Updated Table 4. Electrical characteristics (Tamb = 25 °C unless otherwise
specified), Section 3 Radiation characteristics, Section 3.1 Total dose
radiation (TID) testing, Section 3.2 Single event effect RBSOA and
Traceability information.
Minor text changes.
STRH12P10
DS8699 - Rev 9
page 14/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com