Electronic Components Datasheet Search
  English  ▼

X  

STRH12P10 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STRH12P10
Description  Rad-Hard 100 V, 12 A, P-channel Power MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STRH12P10 Datasheet(HTML) 4 Page - STMicroelectronics

  STRH12P10 Datasheet HTML 1Page - STMicroelectronics STRH12P10 Datasheet HTML 2Page - STMicroelectronics STRH12P10 Datasheet HTML 3Page - STMicroelectronics STRH12P10 Datasheet HTML 4Page - STMicroelectronics STRH12P10 Datasheet HTML 5Page - STMicroelectronics STRH12P10 Datasheet HTML 6Page - STMicroelectronics STRH12P10 Datasheet HTML 7Page - STMicroelectronics STRH12P10 Datasheet HTML 8Page - STMicroelectronics STRH12P10 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
3
Radiation characteristics
The STRH12P10 is guaranteed in radiation for single event effects (SEE) as per ESCC25100 and total ionizing
dose (TID) as per ESCC 22900.
3.1
Total dose radiation (TID) testing
Each lot is tested in radiation and accepted according to the parameters of Table 5 at the following conditions.
•
VGS = - 15 V and VDS = 0 V applied during irradiation exposure.
•
Before irradiation
•
After irradiation
•
After 24 hrs at room temperature
•
after 168 hrs at 100 °C anneal
Table 5. Post-irradiation electrical characteristics (Tamb = 25 °C unless otherwise specified)
Symbol
Parameter
Test conditions
Drift values Δ
Unit
IDSS
Zero gate voltage drain current (VGS = 0)
80% V(BR)DSS
+1
µA
IGSS
Gate body leakage current
VGS = 12 V
1.5
nA
VGS = -12 V
-1.5
V(BR)DSS Drain-to-source breakdown voltage
VGS = 0 V, ID = 1 mA
+5%
V
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 1 mA
+ 150%
V
RDS(on)
Static drain-source on resistance
VGS = 10 V, ID = 12 A
-4% / +35%
Ω
VSD (1)
Forward on voltage
VGS = 0 V, ISD = 12 A
±5%
V
1. Pulsed: pulse duration = 300 μs, duty cycle 1.5%
STRH12P10
Radiation characteristics
DS8699 - Rev 9
page 4/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com