Electronic Components Datasheet Search
  English  ▼

X  

LIS3DHH Datasheet(PDF) 6 Page - STMicroelectronics

Part # LIS3DHH
Description  MEMS motion sensor three-axis digital output accelerometer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3DHH Datasheet(HTML) 6 Page - STMicroelectronics

Back Button LIS3DHH Datasheet HTML 2Page - STMicroelectronics LIS3DHH Datasheet HTML 3Page - STMicroelectronics LIS3DHH Datasheet HTML 4Page - STMicroelectronics LIS3DHH Datasheet HTML 5Page - STMicroelectronics LIS3DHH Datasheet HTML 6Page - STMicroelectronics LIS3DHH Datasheet HTML 7Page - STMicroelectronics LIS3DHH Datasheet HTML 8Page - STMicroelectronics LIS3DHH Datasheet HTML 9Page - STMicroelectronics LIS3DHH Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
Pin description
LIS3DHH
6/29
DocID030220 Rev 3
1
Pin description
Figure 1. Pin connections
Table 2. Pin description
Pin#
Name
Function
1
SPC
Clock line for SPI 4-wire interface (SPC)
2
SDI
Serial data input (SDI) line for SPI 4-wire interface
3
SDO
Serial data output (SDO) line for SPI 4-wire interface
4
CS
SPI chip-select line (CS)
5
INT2
Programmable interrupt 2 generated according to a configurable FIFO threshold
in a dedicated register
6
INT1
Programmable interrupt 1 generated according to a configurable FIFO threshold
in a dedicated register
7
Vdd_IO
Power supply for I/O pins
Recommended power supply decoupling capacitor (100 nF)
8
Vdd
Power supply
Recommended power supply decoupling capacitors (100 nF ceramic in parallel
with 10 μF aluminum)
9
GND
0 V power supply
10
Reserved
Connect to GND
11
Reserved
Connect to GND
12
Reserved
Connect to GND
13
Reserved
Connect to GND
14
Reserved
Connect to GND or leave unconnected
15
Reserved
Connect to GND or leave unconnected
16
Reserved
Connect to GND or leave unconnected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com