Electronic Components Datasheet Search
  English  ▼

X  

LIS3DHH Datasheet(PDF) 1 Page - STMicroelectronics

Part # LIS3DHH
Description  MEMS motion sensor three-axis digital output accelerometer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3DHH Datasheet(HTML) 1 Page - STMicroelectronics

  LIS3DHH Datasheet HTML 1Page - STMicroelectronics LIS3DHH Datasheet HTML 2Page - STMicroelectronics LIS3DHH Datasheet HTML 3Page - STMicroelectronics LIS3DHH Datasheet HTML 4Page - STMicroelectronics LIS3DHH Datasheet HTML 5Page - STMicroelectronics LIS3DHH Datasheet HTML 6Page - STMicroelectronics LIS3DHH Datasheet HTML 7Page - STMicroelectronics LIS3DHH Datasheet HTML 8Page - STMicroelectronics LIS3DHH Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
This is information on a product in full production.
October 2017
DocID030220 Rev 3
1/29
LIS3DHH
MEMS motion sensor:
three-axis digital output accelerometer
Datasheet
- production data
Features
 3-axis, ±2.5 g full-scale
 Ultra-low noise performance: 45 μg/√Hz
 Excellent stability over temperature
(<0.4 mg/°C) and time
 16-bit data output
 SPI 4-wire digital output interface
 Embedded temperature sensor
 12-bit temperature data output
 Embedded FIFO (depth 32 levels)
 High shock survivability
 Extended operating temperature range
(-40 °C to +85 °C)
 ECOPACK®, RoHS and “Green” compliant
Applications
 Precision inclinometer
 Platform and antenna stabilization
 Leveling instruments
Description
The LIS3DHH is an ultra-high-resolution and low-
noise three-axis linear accelerometer.
The LIS3DHH has a full scale of
2.5 g and is
capable of providing the measured accelerations
to the application through an SPI 4-wire digital
interface.
The sensing element is manufactured using a
dedicated micromachining process developed by
STMicroelectronics to produce inertial sensors
and actuators on silicon wafers.
The IC interface is manufactured using a CMOS
process that allows a high level of integration to
design a dedicated circuit which is trimmed to
better match the characteristics of the sensing
element.
The LIS3DHH is available in a high-performance
(low-stress) ceramic cavity land grid array (CC
LGA) package and can operate within a
temperature range of -40 °C to +85 °C.
Ceramic cavity LGA-16
(5x5x1.7 mm)
Table 1. Device summary
Order codes
Temperature range [
C]
Package
Packaging
LIS3DHHTR
-40 to +85
CC LGA-16 (5x5x1.7 mm)
Tape and reel
www.st.com


Similar Part No. - LIS3DHH

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS3DH STMICROELECTRONICS-LIS3DH Datasheet
701Kb / 42P
ultra low-power high performance 3-axes ?쐍ano??accelerometer
21-May-2010
LIS3DHTR STMICROELECTRONICS-LIS3DHTR Datasheet
701Kb / 42P
ultra low-power high performance 3-axes ?쐍ano??accelerometer
21-May-2010
More results

Similar Description - LIS3DHH

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS331DL STMICROELECTRONICS-LIS331DL Datasheet
622Kb / 38P
MEMS motion sensor 3-axis - ±2g/±8g smart digital output ?쐍ano??accelerometer
28-Sep-2007
LIS202DL STMICROELECTRONICS-LIS202DL Datasheet
332Kb / 36P
MEMS motion sensor 2-axis - 짹2g/짹8g smart digital output ?쐏iccolo??accelerometer
11-Jun-2007
LIS302DL STMICROELECTRONICS-LIS302DL_07 Datasheet
613Kb / 42P
MEMS motion sensor 3-axis - ±2g/±8g smart digital output ?쐏iccolo??accelerometer
25-Oct-2007
LIS331DL STMICROELECTRONICS-LIS331DL_08 Datasheet
647Kb / 42P
MEMS motion sensor 3-axis - ±2g/±8g smart digital output -nano-accelerometer
16-Apr-2008
L3G4200D STMICROELECTRONICS-L3G4200D Datasheet
810Kb / 24P
MEMS motion sensor: three-axis digital output gyroscope
11-Feb-2010
L3G4200D_1012 STMICROELECTRONICS-L3G4200D_1012 Datasheet
1Mb / 42P
MEMS motion sensor: ultra-stable three-axis digital output gyroscope
22-Dec-2010
L3GD20 STMICROELECTRONICS-L3GD20 Datasheet
1Mb / 44P
MEMS motion sensor: three-axis digital output gyroscope
18-Aug-2011
LIS3DSHTR STMICROELECTRONICS-LIS3DSHTR Datasheet
1Mb / 53P
MEMS digital output motion sensor ultra low-power high performance three-axis ?쐍ano??accelerometer
26-Oct-2011
L3GD20H STMICROELECTRONICS-L3GD20H Datasheet
2Mb / 52P
MEMS motion sensor: three-axis digital output gyroscope
05-Mar-2013
LIS2DU12 STMICROELECTRONICS-LIS2DU12 Datasheet
1Mb / 13P
MEMS digital output motion sensor: advanced ultra-low-power 3-axis accelerometer
28-Jun-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com