Electronic Components Datasheet Search
  English  ▼

X  

LIS3DHH Datasheet(PDF) 7 Page - STMicroelectronics

Part # LIS3DHH
Description  MEMS motion sensor three-axis digital output accelerometer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3DHH Datasheet(HTML) 7 Page - STMicroelectronics

Back Button LIS3DHH Datasheet HTML 3Page - STMicroelectronics LIS3DHH Datasheet HTML 4Page - STMicroelectronics LIS3DHH Datasheet HTML 5Page - STMicroelectronics LIS3DHH Datasheet HTML 6Page - STMicroelectronics LIS3DHH Datasheet HTML 7Page - STMicroelectronics LIS3DHH Datasheet HTML 8Page - STMicroelectronics LIS3DHH Datasheet HTML 9Page - STMicroelectronics LIS3DHH Datasheet HTML 10Page - STMicroelectronics LIS3DHH Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
DocID030220 Rev 3
7/29
LIS3DHH
Mechanical and electrical specifications
29
2
Mechanical and electrical specifications
2.1
Mechanical characteristics
@ Vdd = 2.8 V, T = 25 °C unless otherwise noted.
Table 3. Mechanical characteristics
Symbol
Parameter
Test condition
Min.
Typ.(1)
Max.
Unit
FS
Measurement range(2)
±2.5
g
So
Sensitivity(3)
0.076
mg/digit
TCSo
Sensitivity change vs.
temperature
From -40 °C to +85 °C,
delta from 25°C
0.7
%
Off
Zero-g level offset
accuracy(4)
±20
mg
TCOff
Zero-g level change vs.
temperature(5)
From -40 °C to +85 °C,
delta from 25 °C
-0.4
0.4
mg/°C
NL
Non linearity
Best-fit straight line
2
% FS
Zgn
Zero-g noise density
FS = ±2.5 g
45
65
ODR
Digital output data rate
1.1
kHz
Bw
Bandwidth
For both FIR and IIR
filters
235 or
440
Hz
StartT
Startup time
For cold start condition
150
ms
ST
Self-test positive
difference(6)
X, Y-axis
Z-axis
75
75
650
1400
mg
Top
Operating temperature
range
-40
+85
°C
1. Typical specifications are not guaranteed.
2. Sensor is designed with larger dynamic to avoid variation of FS limits in the operative bandwidth. Consequently to trim
operations at factory final test.
3. Sensitivity range after MSL3 preconditioning.
4. Typical zero-g level offset value after MSL3 preconditioning.
5. Min/max at 3 sigma. Based on characterization data for a limited number of samples, not measured during final test for
production.
6. Self-test positive difference is defined as:
OUTPUT[mg](CTRL_REG4 (23h) ST2, ST1 bits = 01 ) - OUTPUT[mg](CTRL_REG4 (23h) ST2, ST1 bits = 00 ) in steady state.
ug
Hz




Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com