Electronic Components Datasheet Search
  English  ▼

X  

LIS3DHH Datasheet(PDF) 8 Page - STMicroelectronics

Part # LIS3DHH
Description  MEMS motion sensor three-axis digital output accelerometer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3DHH Datasheet(HTML) 8 Page - STMicroelectronics

Back Button LIS3DHH Datasheet HTML 4Page - STMicroelectronics LIS3DHH Datasheet HTML 5Page - STMicroelectronics LIS3DHH Datasheet HTML 6Page - STMicroelectronics LIS3DHH Datasheet HTML 7Page - STMicroelectronics LIS3DHH Datasheet HTML 8Page - STMicroelectronics LIS3DHH Datasheet HTML 9Page - STMicroelectronics LIS3DHH Datasheet HTML 10Page - STMicroelectronics LIS3DHH Datasheet HTML 11Page - STMicroelectronics LIS3DHH Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
Mechanical and electrical specifications
LIS3DHH
8/29
DocID030220 Rev 3
2.2
Electrical characteristics
@ Vdd = 2.8 V, T = 25 °C unless otherwise noted.
Table 4. Electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.(1)
Max.
Unit
Vdd
Supply voltage
1.71
2.8
3.6
V
Vdd_IO
I/O pins supply voltage
1.71
Vdd+0.1
V
Idd
Supply current
2.5
5
mA
VIH
Digital high-level input voltage
0.7*Vdd_IO
V
VIL
Digital low-level input voltage
0.3*Vdd_IO
V
VOH
High-level output voltage
IOH = 4 mA(2)
Vdd_IO - 0.2
V
VOL
Low-level output voltage
IOL = 4 mA(2)
0.2
V
Top
Operating temperature range
-40
+85
°C
SPI_Fr
SPI frequency
4-wire interface
5
10
MHz
Trise
Time for power supply rising(3)
0.01
100
ms
Twait
Time delay between Vdd_IO
and Vdd(3)
010
ms
1. Typical specifications are not guaranteed.
2. 4 mA is the maximum driving capability, i.e. the maximum DC current that can be sourced/sunk by the digital pad in order
to guarantee the correct digital output voltage levels VOH and VOL.
3. Please refer to Section 2.2.1: Recommended power-up sequence for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com