Electronic Components Datasheet Search
  English  ▼

X  

LIS3DHH Datasheet(PDF) 10 Page - STMicroelectronics

Part # LIS3DHH
Description  MEMS motion sensor three-axis digital output accelerometer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3DHH Datasheet(HTML) 10 Page - STMicroelectronics

Back Button LIS3DHH Datasheet HTML 6Page - STMicroelectronics LIS3DHH Datasheet HTML 7Page - STMicroelectronics LIS3DHH Datasheet HTML 8Page - STMicroelectronics LIS3DHH Datasheet HTML 9Page - STMicroelectronics LIS3DHH Datasheet HTML 10Page - STMicroelectronics LIS3DHH Datasheet HTML 11Page - STMicroelectronics LIS3DHH Datasheet HTML 12Page - STMicroelectronics LIS3DHH Datasheet HTML 13Page - STMicroelectronics LIS3DHH Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
Absolute maximum ratings
LIS3DHH
10/29
DocID030220 Rev 3
3
Absolute maximum ratings
Stresses above those listed as “Absolute maximum ratings” may cause permanent damage
to the device. This is a stress rating only and functional operation of the device under these
conditions is not implied. Exposure to maximum rating conditions for extended periods may
affect device reliability.
Note:
Supply voltage on any pin should never exceed 4.8 V.
Table 6. Absolute maximum ratings
Symbol
Ratings
Maximum value
Unit
Vdd and
Vdd_IO
Supply voltage
-0.3 to 4.8
V
TSTG
Storage temperature range
-40 to +85
°C
Sg
Acceleration g for 0.2 ms
10,000
g
ESD
Electrostatic discharge protection (HBM)
2
kV
Vin
Input voltage on any control pin
(including CS, SPC, SDI, SDO)
-0.3 to Vdd_IO +0.3
V
This device is sensitive to mechanical shock, improper handling can cause
permanent damage to the part.
This device is sensitive to electrostatic discharge (ESD), improper handling can
cause permanent damage to the part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com