Electronic Components Datasheet Search
  English  ▼

X  

STTH1R02-Y Datasheet(PDF) 6 Page - STMicroelectronics

Part # STTH1R02-Y
Description  Automotive ultrafast rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH1R02-Y Datasheet(HTML) 6 Page - STMicroelectronics

  STTH1R02-Y Datasheet HTML 1Page - STMicroelectronics STTH1R02-Y Datasheet HTML 2Page - STMicroelectronics STTH1R02-Y Datasheet HTML 3Page - STMicroelectronics STTH1R02-Y Datasheet HTML 4Page - STMicroelectronics STTH1R02-Y Datasheet HTML 5Page - STMicroelectronics STTH1R02-Y Datasheet HTML 6Page - STMicroelectronics STTH1R02-Y Datasheet HTML 7Page - STMicroelectronics STTH1R02-Y Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Package information
STTH1R02-Y
6/8
DocID030248 Rev 1
Table 6: SOD123Flat package mechanical data
Ref.
Dimensions
Millimeters
Min.
Typ.
Max.
A
0.86
0.98
1.10
b
0.80
0.90
1.00
c
0.08
0.15
0.25
c1
0.00
0.10
D
2.50
2.60
2.70
E
1.50
1.60
1.80
HD
3.30
3.50
3.70
L
0.45
0.65
0.85
Figure 13: SOD123Flat footprint dimensions (mm)
1.30
1.60



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com