Electronic Components Datasheet Search
  English  ▼

X  

STTH1R02-Y Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTH1R02-Y
Description  Automotive ultrafast rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH1R02-Y Datasheet(HTML) 1 Page - STMicroelectronics

  STTH1R02-Y Datasheet HTML 1Page - STMicroelectronics STTH1R02-Y Datasheet HTML 2Page - STMicroelectronics STTH1R02-Y Datasheet HTML 3Page - STMicroelectronics STTH1R02-Y Datasheet HTML 4Page - STMicroelectronics STTH1R02-Y Datasheet HTML 5Page - STMicroelectronics STTH1R02-Y Datasheet HTML 6Page - STMicroelectronics STTH1R02-Y Datasheet HTML 7Page - STMicroelectronics STTH1R02-Y Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
February 2017
DocID030248 Rev 1
1/8
This is information on a product in full production.
www.st.com
STTH1R02-Y
Automotive ultrafast rectifier
Datasheet - production data
Features
AEC-Q101 qualified
Very low conduction losses
Negligible switching losses
Low forward and reverse recovery times
High junction temperature
ECOPACK®2 compliant component
VRRM guaranteed from -40 to +175 °C
PPAP capable
Description
The STTH1R02-Y is an ultrafast recovery rectifier
used for energy recovery in automotive
applications, housed in a SOD123Flat package
for improved space saving.
It is especially designed for reverse battery
protection function in all automotive application.
The compromise between forward voltage drop
and recovery time offers optimized performances.
Table 1: Device summary
Symbol
Value
IF(AV)
1 A
VRRM
200 V
Tj (max.)
175 °C
VF (typ.)
0.75 V
trr (typ.)
25 ns
K
A
SOD123Flat
A
K


Similar Part No. - STTH1R02-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH1R02 STMICROELECTRONICS-STTH1R02 Datasheet
130Kb / 8P
Ultrafast recovery diode
03-May-2006
STTH1R02 STMICROELECTRONICS-STTH1R02 Datasheet
168Kb / 10P
Ultrafast recovery diode
08-Mar-2007
STTH1R02A STMICROELECTRONICS-STTH1R02A Datasheet
130Kb / 8P
Ultrafast recovery diode
03-May-2006
STTH1R02A STMICROELECTRONICS-STTH1R02A Datasheet
168Kb / 10P
Ultrafast recovery diode
08-Mar-2007
STTH1R02Q STMICROELECTRONICS-STTH1R02Q Datasheet
168Kb / 10P
Ultrafast recovery diode
08-Mar-2007
More results

Similar Description - STTH1R02-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH1R06-Y STMICROELECTRONICS-STTH1R06-Y Datasheet
237Kb / 9P
Automotive Turbo 2 ultrafast high voltage rectifier
04-Aug-2014
STTH3R06-Y STMICROELECTRONICS-STTH3R06-Y Datasheet
237Kb / 9P
Automotive Turbo 2 ultrafast high voltage rectifier
04-Aug-2014
STTH2R02AF-Y STMICROELECTRONICS-STTH2R02AF-Y Datasheet
261Kb / 8P
Automotive ultrafast rectifier
27-Feb-2015
STTH3L06-Y STMICROELECTRONICS-STTH3L06-Y Datasheet
238Kb / 9P
Automotive Turbo 2 ultrafast high voltage rectifier
04-Aug-2014
STTH16L06C-Y STMICROELECTRONICS-STTH16L06C-Y Datasheet
188Kb / 9P
Automotive turbo 2 ultrafast high voltage rectifier
12-Dec-2014
STTH3R02-Y STMICROELECTRONICS-STTH3R02-Y Datasheet
261Kb / 8P
Automotive ultrafast rectifier
24-Feb-2015
STTH602CSFY STMICROELECTRONICS-STTH602CSFY Datasheet
333Kb / 10P
Automotive 200 V, dual 3 A ultrafast rectifier
06-Nov-2020
STTH1002CSFY STMICROELECTRONICS-STTH1002CSFY Datasheet
334Kb / 10P
Automotive 200 V, dual 5 A ultrafast rectifier
Rev 1 - October 2020
STTH30RQ06-Y STMICROELECTRONICS-STTH30RQ06-Y Datasheet
539Kb / 17P
Automotive turbo 2 ultrafast high voltage rectifier
20-Nov-2018
STTH60RQ06-Y STMICROELECTRONICS-STTH60RQ06-Y Datasheet
216Kb / 10P
Automotive turbo 2 ultrafast high voltage rectifier
05-Apr-2018
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com