Electronic Components Datasheet Search
  English  ▼

X  

STTH1R02-Y Datasheet(PDF) 3 Page - STMicroelectronics

Part # STTH1R02-Y
Description  Automotive ultrafast rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH1R02-Y Datasheet(HTML) 3 Page - STMicroelectronics

  STTH1R02-Y Datasheet HTML 1Page - STMicroelectronics STTH1R02-Y Datasheet HTML 2Page - STMicroelectronics STTH1R02-Y Datasheet HTML 3Page - STMicroelectronics STTH1R02-Y Datasheet HTML 4Page - STMicroelectronics STTH1R02-Y Datasheet HTML 5Page - STMicroelectronics STTH1R02-Y Datasheet HTML 6Page - STMicroelectronics STTH1R02-Y Datasheet HTML 7Page - STMicroelectronics STTH1R02-Y Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
STTH1R02-Y
Characteristics
DocID030248 Rev 1
3/8
1.1
Characteristics (curves)
Figure 1: Average forward power dissipation
versus average forward current
Figure 2: Forward voltage drop versus forward
current (typical values)
Figure 3: Forward voltage drop versus forward
current (maximum values)
Figure 4: Relative variation of thermal impedance
junction to lead versus pulse duration
Figure 5: Peak reverse recovery current versus
dIF / dt (typical values)
Figure 6: Reverse recovery charges versus dIF / dt
(typical values)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.0
0.2
0.4
0.6
0.8
1.0
1.2
δ = 0.05
δ = 0.1
δ = 0.2
δ = 0.5 δ = 1
P
F(AV)
(W)
IF(AV)(A)
T
δ= tp/T
tp
0.01
0.10
1.00
10.00
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
I
F
(A)
VF(V)
T j = 25 °C
T j = 125 °C
0.01
0.10
1.00
10.00
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
I
F
(A)
VF(V)
T j = 25 °C
T j = 125 °C
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
t
P
(s)
Single pulse
Z
th(j-l)
/R
th(j-l)
0
1
2
3
4
5
6
0
100
200
300
400
500
I
RM
(A)
dlF/dt (A/µs)
I
F = 1A
VR= 160 V
Tj = 125 °C
0
20
40
60
80
0
100
200
300
400
500
Q
rr
(nC)
dlF/dt (A/µs)
I
F = 1A
VR= 160 V
Tj = 125 °C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com