Electronic Components Datasheet Search
  English  ▼

X  

STTH1R02-Y Datasheet(PDF) 4 Page - STMicroelectronics

Part # STTH1R02-Y
Description  Automotive ultrafast rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH1R02-Y Datasheet(HTML) 4 Page - STMicroelectronics

  STTH1R02-Y Datasheet HTML 1Page - STMicroelectronics STTH1R02-Y Datasheet HTML 2Page - STMicroelectronics STTH1R02-Y Datasheet HTML 3Page - STMicroelectronics STTH1R02-Y Datasheet HTML 4Page - STMicroelectronics STTH1R02-Y Datasheet HTML 5Page - STMicroelectronics STTH1R02-Y Datasheet HTML 6Page - STMicroelectronics STTH1R02-Y Datasheet HTML 7Page - STMicroelectronics STTH1R02-Y Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Characteristics
STTH1R02-Y
4/8
DocID030248 Rev 1
Figure 7: Reverse recovery time versus dIF / dt
(typical values)
Figure 8: Reverse recovery softness factor versus
dIF / dt (typical values)
Figure 9: Dynamic parameters versus junction
temperature (reference Tj = 125 °C)
Figure 10: Junction capacitance versus reverse
voltage applied (typical values)
Figure 11: Thermal resistance junction to ambient
total versus copper surface under each tab
(typical values)
0
10
20
30
40
50
60
0
100
200
300
400
500
t
rr
(ns)
dlF/dt (A/µs)
I
F = 1A
VR= 160 V
Tj = 125 °C
0.0
0.2
0.4
0.6
0.8
0
100
200
300
400
500
S
factor
dlF/dt (A/µs)
I
F = 1A
VR= 160 V
Tj = 125 °C
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
25
50
75
100
125
S; QRR; IRM [Tj] / S; QRR; IRM [Tj=125°C]
Tj(°C)
I
RM
Q
RR
I
F=1A
V
R=160V
T =125°C
S
1
10
100
1
10
100
1000
C(pF)
VR(V)
F = 1 MHz
VOSC = 30 mVRMS
T
j
= 25 °C
0
50
100
150
200
250
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
SOD123Flat
SCu(cm²)
Rth(j-a)(C/W)
Epoxy printed board FR4, eCu = 35 µm



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com