Electronic Components Datasheet Search
  English  ▼

X  

STTH1R02-Y Datasheet(PDF) 2 Page - STMicroelectronics

Part # STTH1R02-Y
Description  Automotive ultrafast rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH1R02-Y Datasheet(HTML) 2 Page - STMicroelectronics

  STTH1R02-Y Datasheet HTML 1Page - STMicroelectronics STTH1R02-Y Datasheet HTML 2Page - STMicroelectronics STTH1R02-Y Datasheet HTML 3Page - STMicroelectronics STTH1R02-Y Datasheet HTML 4Page - STMicroelectronics STTH1R02-Y Datasheet HTML 5Page - STMicroelectronics STTH1R02-Y Datasheet HTML 6Page - STMicroelectronics STTH1R02-Y Datasheet HTML 7Page - STMicroelectronics STTH1R02-Y Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Characteristics
STTH1R02-Y
2/8
DocID030248 Rev 1
1
Characteristics
Table 2: Absolute ratings (limiting values at 25 °C, unless otherwise specified)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse
voltage
Tj = -40 °C
200
V
IF(AV)
Average forward current
Tlead
= 153 °C , δ = 0.5 square wave
1
A
IFSM
Surge non repetitive forward
current
tp = 10 ms sinusoidal
25
A
Tstg
Storage temperature range
-65 to +175
°C
Tj
Maximum operating junction temperature
-40 to +175
°C
Table 3: Thermal parameter
Symbol
Parameter
Maximum
Unit
Rth(j-l)
Junction to lead
23
°C/W
Table 4: Static electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IR(1)
Reverse leakage current
Tj = 25 °C
VR = VRRM
-
0.5
µA
Tj = 125 °C
-
1
10
µA
VF(2)
Forward voltage drop
Tj = 25 °C
IF = 1 A
-
0.87
1.00
V
Tj = 125 °C
-
0.75
0.85
Notes:
(1)Pulse test: tp = 5 ms, δ < 2%
(2)Pulse test: tp = 380 µs, δ < 2%
To evaluate the conduction losses, use the following equation:
P = 0.75 x IF(AV) + 0.1 x IF2(RMS)
Table 5: Dynamic electrical characteristics
Symbol
Parameters
Test conditions
Min.
Typ.
Max.
Unit
trr
Reverse recovery time
IF = 1 A
dIF
/dt = 50 A/μs
VR = 30 V
Tj = 25 °C
-
25
32
ns
IF = 1 A
dIF
/dt = 100 A/μs
VR = 160 V
Tj = 125 °C
-
30
IRM
Reverse recovery current
-
2.2
A
Qrr
Reverse recovery charges
-
34
nC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com