Electronic Components Datasheet Search
  English  ▼

X  

ADC3564 Datasheet(PDF) 39 Page - Texas Instruments

Part # ADC3564
Description  ADC3564 14-Bit, 125-MSPS, Low-Noise, Ultra-Low Power ADC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC3564 Datasheet(HTML) 39 Page - Texas Instruments

Back Button ADC3564 Datasheet HTML 35Page - Texas Instruments ADC3564 Datasheet HTML 36Page - Texas Instruments ADC3564 Datasheet HTML 37Page - Texas Instruments ADC3564 Datasheet HTML 38Page - Texas Instruments ADC3564 Datasheet HTML 39Page - Texas Instruments ADC3564 Datasheet HTML 40Page - Texas Instruments ADC3564 Datasheet HTML 41Page - Texas Instruments ADC3564 Datasheet HTML 42Page - Texas Instruments ADC3564 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 72 page
background image
8.4 Device Functional Modes
8.4.1 Normal operation
In normal operating mode, the entire ADC full scale range gets converted to a digital output with 14-bit
resolution. The output is available in as little as 1 clock cycle with 1-wire SLVDS interface.
8.4.2 Power Down Options
A global power down mode can be enabled via SPI as well as using the power down pin (PDN/SYNC). There is
an internal pull-down 21 kΩ resistor on the PDN/SYNC input pin and the pin is active high - so the pin needs to
be pulled high externally to enter global power down mode.
The SPI register map provides the capability to enable/disable individual blocks directly or via PDN pin mask in
order to trade off power consumption vs wake up time as shown in Table 8-9.
AIN
CLK
VREF
ADC
1.2V REF
REFBUF
N
NCO
N
Digital Downconverter
NCO
Crosspoint
Switch
Dig I/F
Figure 8-40. Power Down Configurations
Table 8-9. Overview of Power Down Options
Function/ Register
PDN
via SPI
Mask for
Global PDN
Feature -
Default
Power
Impact
Wake-up
time
Comment
ADC
Yes
-
Enabled
ADC is included in Global PDN
automatically
Reference gain amplifier
Yes
Yes
Enabled
~ 0.4 mA
~3 us
Should only be powered down in power
down state.
Internal 1.2V reference
Yes
External ref
~ 1-3.5 mA
~3 ms
Internal/external reference selection is
available through SPI and REFBUF pin.
Clock buffer
Yes
Differential
clock
~ 1 mA
n/a
Single ended clock input saves ~ 1mA
compared to differential.
Some programmability is available
through the REFBUF pin.
Output interface drivers
Yes
-
Enabled
varies
n/a
Depending on output interface mode,
unused output drivers can be powered
down for maximum power savings
Decimation filter
Yes
-
Disabled
see electrical
table
n/a
www.ti.com
ADC3564
SBAS887 – AUGUST 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: ADC3564



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com