Electronic Components Datasheet Search
  English  ▼

X  

ADC3564 Datasheet(PDF) 21 Page - Texas Instruments

Part # ADC3564
Description  ADC3564 14-Bit, 125-MSPS, Low-Noise, Ultra-Low Power ADC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC3564 Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADC3564 Datasheet HTML 17Page - Texas Instruments ADC3564 Datasheet HTML 18Page - Texas Instruments ADC3564 Datasheet HTML 19Page - Texas Instruments ADC3564 Datasheet HTML 20Page - Texas Instruments ADC3564 Datasheet HTML 21Page - Texas Instruments ADC3564 Datasheet HTML 22Page - Texas Instruments ADC3564 Datasheet HTML 23Page - Texas Instruments ADC3564 Datasheet HTML 24Page - Texas Instruments ADC3564 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 72 page
background image
8.3.1.2 Analog Front End Design
The ADC3564 is an unbuffered ADC and thus a passive kick-back filter is recommended to absorb the glitch
from the sampling operation. Depending on if the input is driven by a balun or a differential amplifier with low
output impedance, a termination network may be needed. Additionally a passive DC bias circuit is needed in
AC-coupled applications which can be combined with the termination network.
8.3.1.2.1 Sampling Glitch Filter Design
The front end sampling glitch filter is designed to optimize the SNR and HD3 performance of the ADC. The filter
performance is dependent on input frequency and therefore the following filter designs are recommended for
different input frequency ranges as shown in Figure 8-4 and Figure 8-5.
33 pF
33
10
33
10
82 nH
82 nH
Termination
Figure 8-4. Sampling glitch filter example for input frequencies from DC to 60 MHz
75 pF
33
10
33
10
91 nH
91 nH
Termination
43 nH
33 pF
33 pF
Figure 8-5. Sampling glitch filter example for input frequencies from 60 to 120 MHz
www.ti.com
ADC3564
SBAS887 – AUGUST 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: ADC3564



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com