Electronic Components Datasheet Search
  English  ▼

X  

ADC3564 Datasheet(PDF) 49 Page - Texas Instruments

Part # ADC3564
Description  ADC3564 14-Bit, 125-MSPS, Low-Noise, Ultra-Low Power ADC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC3564 Datasheet(HTML) 49 Page - Texas Instruments

Back Button ADC3564 Datasheet HTML 45Page - Texas Instruments ADC3564 Datasheet HTML 46Page - Texas Instruments ADC3564 Datasheet HTML 47Page - Texas Instruments ADC3564 Datasheet HTML 48Page - Texas Instruments ADC3564 Datasheet HTML 49Page - Texas Instruments ADC3564 Datasheet HTML 50Page - Texas Instruments ADC3564 Datasheet HTML 51Page - Texas Instruments ADC3564 Datasheet HTML 52Page - Texas Instruments ADC3564 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 72 page
background image
Figure 8-54. Register 0x1A
7
6
5
4
3
2
1
0
0
0
LVDS SWING HIGH
LVDS SWING LOW
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
Table 8-24. Register 0x1A Field Descriptions
Bit
Field
Type
Reset
Description
7-6
0
R/W
0
Must write 0
5-3
LVDS SWING HIGH
R/W
000
These bits adjust the SLVDS interface output high side
amplitude in 25mV steps. By using SLVDS SWING HIGH/LOW
the differential amplitude and common mode can be adjusted.
000: 1250 mV
001: 1275 mV
010: 1300 mV
011: 1325 mV
100: 1350 mV
101: 1325 mV
110: 1350 mV
111: 1375 mV
2-0
LVDS SWING LOW
R/W
000
These bits adjust the SLVDS interface output low side amplitude
in 25mV steps. By using SLVDS SWING HIGH/LOW the
differential amplitude and common mode can be adjusted.
000: 575 mV
001: 600 mV
010: 625 mV
011: 650 mV
100: 675 mV
101: 700 mV
110: 725 mV
111: 750 mV
Figure 8-55. Register 0x1B
7
6
5
4
3
2
1
0
MAPPER EN
20B EN
BIT MAPPER RES
0
0
0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
Table 8-25. Register 0x1B Field Descriptions
Bit
Field
Type
Reset
Description
7
MAPPER EN
R/W
0
This bit enables changing the resolution of the output (including
output serialization factor) in bypass mode only. This bit is not
needed for 20-bit resolution output.
0: Output bit mapper disabled.
1: Output bit mapper enabled.
6
20B EN
R/W
0
This bit enables 20-bit output resolution which can be useful for
very high decimation settings so that quantization noise doesn't
impact the ADC performance.
0: 20-bit output resolution disabled.
1: 20-bit output resolution enabled.
5-3
BIT MAPPER RES
R/W
000
Sets the output resolution using the bit mapper. MAPPER EN bit
(D6) needs to be enabled when operating in bypass mode..
000: 18 bit
001: 16 bit
010: 14 bit
all others, n/a
2-0
0
R/W
0
Must write 0
www.ti.com
ADC3564
SBAS887 – AUGUST 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
49
Product Folder Links: ADC3564



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com