Electronic Components Datasheet Search
  English  ▼

X  

ADC3564 Datasheet(PDF) 13 Page - Texas Instruments

Part # ADC3564
Description  ADC3564 14-Bit, 125-MSPS, Low-Noise, Ultra-Low Power ADC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC3564 Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADC3564 Datasheet HTML 9Page - Texas Instruments ADC3564 Datasheet HTML 10Page - Texas Instruments ADC3564 Datasheet HTML 11Page - Texas Instruments ADC3564 Datasheet HTML 12Page - Texas Instruments ADC3564 Datasheet HTML 13Page - Texas Instruments ADC3564 Datasheet HTML 14Page - Texas Instruments ADC3564 Datasheet HTML 15Page - Texas Instruments ADC3564 Datasheet HTML 16Page - Texas Instruments ADC3564 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 72 page
background image
SNR = 75.2 dBFS
Figure 6-5. Single Tone FFT at FIN = 70 MHz
AIN = -20 dBFS, SNR = 77.0 dBFS
Figure 6-6. Single Tone FFT at FIN = 70 MHz
SNR = 74.0 dBFS
Figure 6-7. Single Tone FFT at FIN = 100 MHz
Input Frequency (MHz)
0
10
20
30
40
50
60
-140
-120
-100
-80
-60
-40
-20
0
AIN= -7 dBFS/tone
Figure 6-8. Two Tone FFT at FIN = 10/12 MHz
Input Frequency (MHz)
0
10
20
30
40
50
60
-140
-120
-100
-80
-60
-40
-20
0
AIN= -20 dBFS/tone
Figure 6-9. Two Tone FFT at FIN = 10/12 MHz
Figure 6-10. AC Performance vs Input Frequency
www.ti.com
ADC3564
SBAS887 – AUGUST 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: ADC3564



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com